Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E04-100 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS28E04-100
Description  4096-Bit Addressable 1-Wire EEPROM with PIO
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E04-100 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS28E04-100 Datasheet HTML 7Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 8Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 9Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 10Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 11Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 12Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 13Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 14Page - Maxim Integrated Products DS28E04-100 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DS28E04-100: 4096-Bit 1-Wire Addressable EEPROM with PIO
11 of 37
Conditional Search Channel Polarity Selection Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0224h
0
0
0
0
0
0
SP1
SP0
The data in this register specifies the polarity of each selected PIO channel for the device to respond to the
conditional search command. This register can only be written through the Write Registers command. Within a PIO
channel, the data source may be either the channel's input pin or the channel's activity latch, as specified by the
PLS bit in the Control/Status register at address 0225h. This register is read/write. Each bit is associated with the
respective PIO channel as shown in Figure 7. Bits 2 to 7 have no function; they always read 0 and cannot be
changed to 1. This register is cleared to 00h at power-up.
Control/Status Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0225h
VCCP
POL
0
0
PORL
0
CT
PLS
The data in this register reports status information and further configures the device for conditional search. This
register can only be written through the Write Registers command. This register is read/write. The power-up state
of the PORL bit is "1". CT and PLS power up as "0". The functional assignments of the individual bits are explained
in the table below. Bits 2, 4, and 5 have no function; they always read 0 and cannot be set to 1.
Control/Status Register Details
BIT DESCRIPTION
BIT(S)
DEFINITION
PLS: Pin or Activity
Latch Select
b0
Selects either the PIO pins or the PIO activity latches as input for the
conditional search.
0: pin selected (default)
1: activity latch selected
CT: Conditional Search
Logical Term
b1
Specifies whether the data of two channels needs to be ORed or
AND’ed to meet the qualifying condition for the device to respond to
a conditional search. If only a single channel is selected in the
channel selection mask (0223h) this bit is a don't care.
0: bitwise OR (default)
1: bitwise AND
PORL: Power-On Reset
Latch
b3
Specifies whether the device has performed a power-on reset. This
bit can only be cleared to 0 by writing to the Control/Status Register.
As long as this bit is 1 the device will always respond to a Conditional
Search ROM sequence.
POL: PIO Default
Polarity (Read-Only)
b6
Reports the state of the POL pin. The state of the POL pin specifies
whether the PIO pins P0 and P1 power up high or low. The polarity
of a pulse generated at a PIO pin is the opposite of the pin's power-
up state.
0: PIO powers up 0
1: PIO powers up 1
VCCP: VCC Power
Status (Read-Only)
b7
For VCC-powered operation, the VCC pin needs to be connected to a
voltage source equal to VPUP.
0: VCC power not available
1: VCC-powered operation


Similar Part No. - DS28E04-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E04-100 DALLAS-DS28E04-100 Datasheet
347Kb / 36P
   4096-Bit Addressable 1-Wire EEPROM with PIO
More results

Similar Description - DS28E04-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E04-100 DALLAS-DS28E04-100 Datasheet
347Kb / 36P
   4096-Bit Addressable 1-Wire EEPROM with PIO
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Maxim Integrated Produc...
DS28CZ04 MAXIM-DS28CZ04 Datasheet
224Kb / 22P
   4kbit I짼C/SMBus EEPROM with Nonvolatile PIO
REV: 061107
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A_07 Datasheet
698Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com