Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1926DL Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI1926DL
Description  Dual N-Channel 60 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1926DL Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI1926DL_10 Datasheet HTML 3Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 4Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 5Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 6Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 7Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 8Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 9Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 10Page - Vishay Siliconix SI1926DL_10 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AN814
Vishay Siliconix
Document Number: 71237
12-Dec-03
www.vishay.com
1
Dual-Channel LITTLE FOOTR SC-70 6-Pin MOSFET
Recommended Pad Pattern and Thermal Performance
INTRODUCTION
This technical note discusses the pin-outs, package outlines,
pad patterns, evaluation board layout, and thermal
performance for dual-channel LITTLE FOOT power
MOSFETs in the SC-70 package. These new Vishay Siliconix
devices are intended for small-signal applications where a
miniaturized package is needed and low levels of current
(around 250 mA) need to be switched, either directly or by
using a level shift configuration. Vishay provides these devices
with a range of on-resistance specifications in 6-pin versions.
The new 6-pin SC-70 package enables improved
on-resistance values and enhanced thermal performance.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the dual-channel SC-70 device in the 6-pin configuration.
FIGURE 1.
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
For package dimensions see outline drawing SC-70 (6-Leads)
(http://www.vishay.com/doc?71154)
BASIC PAD PATTERNS
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the 6-pin
SC-70. This basic pad pattern is sufficient for the low-power
applications for which this package is intended. For the 6-pin
device, increasing the pad patterns yields a reduction in
thermal resistance on the order of 20% when using a 1-inch
square with full copper on both sides of the printed circuit board
(PCB).
EVALUATION BOARDS FOR THE DUAL
SC70-6
The 6-pin SC-70 evaluation board (EVB) measures 0.6 inches
by 0.5 inches. The copper pad traces are the same as
described in the previous section, Basic Pad Patterns. The
board allows interrogation from the outer pins to 6-pin DIP
connections permitting test sockets to be used in evaluation
testing.
The thermal performance of the dual SC-70 has been
measured on the EVB with the results shown below. The
minimum recommended footprint on the evaluation board was
compared with the industry standard 1-inch square FR4 PCB
with copper on both sides of the board.
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the dual SC-70 6-pin package
measured as junction-to-foot thermal resistance is 300_C/W
typical, 350_C/W maximum. The “foot” is the drain lead of the
device as it connects with the body. Note that these numbers
are somewhat higher than other LITTLE FOOT devices due to
the limited thermal performance of the Alloy 42 lead-frame
compared with a standard copper lead-frame.
Junction-to-Ambient Thermal Resistance
(dependent on PCB size)
The typical RθJA for the dual 6-pin SC-70 is 400_C/W steady
state. Maximum ratings are 460_C/W for the dual. All figures
based on the 1-inch square FR4 test board. The following
example shows how the thermal resistance impacts power
dissipation for the dual 6-pin SC-70 package at two different
ambient temperatures.


Similar Part No. - SI1926DL_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1926DL-T1-E3 VISHAY-SI1926DL-T1-E3 Datasheet
142Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
VBsemi Electronics Co.,...
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1926DL_10

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com