Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVG-100-30 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # HVG-100-30
Description  100W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVG-100-30 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  HVG-100-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVG-100-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVG-100-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVG-100-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVG-100-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVG-100-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HVG-100
DIMMINGOPERATION
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
Referenceresistancevalueforoutputcurrentadjustment(Typical)
Built-in3in1dimmingfunction,IP67rated.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistanceor
0~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
PleaseDONOT connect"DIM-"to"-V".
60K
60%
60%
10K
10K
/N 20K
/N 30K
/N 40K
/N 50K
/N 60K
/N 70K
/N 80K
/N 90K
/N 100K /N
Singledriver
Multipledrivers
(N=driverquantityforsynchronized
dimmingoperation)
1V
0V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
0%
20K
20%
20%
30K
30%
30%
40K
40%
40%
50K
50%
50%
70K
70%
70%
80K
80%
80%
90K
100K
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistance
value
Dimmingvalue
Percentageofratedcurrent
Percentageofratedcurrent
0~10Vdimmingfunctionforoutputcurrentadjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Dutyvalue
Percentageofratedcurrent
102%~108%
-----
102%~108%
102%~108%
10VPWMsignalforoutputcurrentadjustment (Typical):Frequencyrange:100Hz~3KHz
Waterproofconnector
WaterproofconnectorcanbeassembledontheoutputcableofHVG-100tooperateindry/wet/damporoutdoorenvironment.
HVG-100
I/P
O/P
LEDLamp
AC
source
PinConfiguration(Female)
PinConfiguration(Female)
Size
Size
M12
M15
4-PIN
5A/PIN
M12-04
OrderNo.
OrderNo.
10A max.
SuitableCurrent
SuitableCurrent
5-PIN
5A/PIN
M12-05
10A max.
2-PIN
12A/PIN
M15-02
12A max.
WATERPROOFCONNECTION
100W SingleOutputSwitchingPowerSupply
H V G - 1 0 0 series
FileName:HVG-100-SPEC2011-12-16


Similar Part No. - HVG-100-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-100-30 MEANWELL-HVG-100-30 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
More results

Similar Description - HVG-100-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com