Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A940 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-A940
Description  Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A940 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-A940 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A940 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
BAT 18
Silicon RF Switching Diode
BAT 18 …
q
Low-loss VHF/UHF switch above 10 MHz
q
Pin diode with low forward resistance
Maximum Ratings per Diode
Type
Ordering Code
Marking
Package1)
Pin Configuration
BAT 18
Q62702-A787
A2
SOT 23
BAT 18-04
Q62702-A938
AU
BAT 18-05
Q62702-A940
AS
BAT 18-06
Q62702-A942
AT
Parameter
Symbol
Values
Unit
Reverse voltage
VR
35
V
Forward current
IF
100
mA
Operating and
storage temperature range
Top
Tstg
– 55 … + 150
˚C
Thermal Resistance
Junction - ambient
Rth JA
450
K/W
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
07.94


Similar Part No. - Q62702-A940

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A918 SIEMENS-Q62702-A918 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
Q62702-A919 SIEMENS-Q62702-A919 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
Q62702-A920 SIEMENS-Q62702-A920 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
Q62702-A921 SIEMENS-Q62702-A921 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
Q62702-A922 SIEMENS-Q62702-A922 Datasheet
98Kb / 4P
   Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
More results

Similar Description - Q62702-A940

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
   Low Resistance, Low Distortion, RF Switching PIN Diode
logo
Siemens Semiconductor G...
BAR65-02W SIEMENS-BAR65-02W Datasheet
14Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-07 SIEMENS-BAR65-07 Datasheet
22Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-Diode Band switch for TV-tuners)
BAR65-03W SIEMENS-BAR65-03W Datasheet
19Kb / 3P
   Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
logo
NTE Electronics
NTE555 NTE-NTE555 Datasheet
20Kb / 2P
   Silicon Pin Diode UHF/VHF Detector
logo
Siemens Semiconductor G...
BAR63-02W SIEMENS-BAR63-02W Datasheet
24Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-W SIEMENS-BAR63-W Datasheet
46Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com