Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1441EDH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1441EDH
Description  P-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1441EDH Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1441EDH Datasheet HTML 1Page - Vishay Siliconix SI1441EDH Datasheet HTML 2Page - Vishay Siliconix SI1441EDH Datasheet HTML 3Page - Vishay Siliconix SI1441EDH Datasheet HTML 4Page - Vishay Siliconix SI1441EDH Datasheet HTML 5Page - Vishay Siliconix SI1441EDH Datasheet HTML 6Page - Vishay Siliconix SI1441EDH Datasheet HTML 7Page - Vishay Siliconix SI1441EDH Datasheet HTML 8Page - Vishay Siliconix SI1441EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 66823
S10-1827-Rev. A, 09-Aug-10
Vishay Siliconix
Si1441EDH
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS = - 2.5 V;
ID =- 4.4 A
VGS =- 4.5 V; ID =- 5 A
T
J - Junction Temperature (°C)
0.02
0.04
0.06
0.08
0.10
123
4
5
ID =- 5 A
TJ =25 °C
TJ = 125 °C
V
GS - Gate-to-Source Voltage (V)
0
0.001
0.01
0.1
1
10
6
12
18
24
30
Time (s)
Source-Drain Diode Forward Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
00.5
1.0
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
0.30
0.45
0.60
0.75
0.90
- 50
- 25
0
25
50
75
100
125
150
ID = - 250 μA
T
J - Temperature (°C)
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
1s,10s
Limited by RDS(on)*
BVDSS Limited
1ms
100 μs
10 ms
DC
100 ms
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI1441EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1441EDH VISHAY-SI1441EDH Datasheet
271Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1441EDH-T1-GE3 VBSEMI-SI1441EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1441EDH-T1-GE3 VISHAY-SI1441EDH-T1-GE3 Datasheet
271Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1441EDH VISHAY-SI1441EDH_V01 Datasheet
271Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1441EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com