Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1406DH Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI1406DH
Description  N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1406DH Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI1406DH Datasheet HTML 2Page - Vishay Siliconix SI1406DH Datasheet HTML 3Page - Vishay Siliconix SI1406DH Datasheet HTML 4Page - Vishay Siliconix SI1406DH Datasheet HTML 5Page - Vishay Siliconix SI1406DH Datasheet HTML 6Page - Vishay Siliconix SI1406DH Datasheet HTML 7Page - Vishay Siliconix SI1406DH Datasheet HTML 8Page - Vishay Siliconix SI1406DH Datasheet HTML 9Page - Vishay Siliconix SI1406DH Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN815
Vishay Siliconix
www.vishay.com
2
Document Number: 71334
12-Dec-03
FIGURE 3.
Front of Board SC70-6
Back of Board SC70-6
vishay.com
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(Package Performance)
The junction to foot thermal resistance is a useful method of
comparing different packages thermal performance.
A helpful way of presenting the thermal performance of the
6-Pin SC-70 copper leadframe device is to compare it to the
traditional Alloy 42 version.
Thermal performance for the 6-pin SC-70 measured as
junction-to-foot thermal resistance, where the “foot” is the
drain lead of the device at the bottom where it meets the PCB.
The junction-to-foot thermal resistance is typically 40_C/W in
the copper leadframe and 163_C/W in the Alloy 42 leadframe
— a four-fold improvement. This improved performance is
obtained by the enhanced thermal conductivity of copper over
Alloy 42.
Power Dissipation
The typical RqJA for the single 6-pin SC-70 with copper
leadframe is 103_C/W steady-state, compared with 212_C/W
for the Alloy 42 version. The figures are based on the 1-inch2
FR4 test board. The following example shows how the thermal
resistance impacts power dissipation for the two different
leadframes at varying ambient temperatures.
ALLOY 42 LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
212oC W
PD + 590 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
212oC W
PD + 425 mW
COOPER LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
124oC W
PD + 1.01 W
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
124oC W
PD + 726 mW
As can be seen from the calculations above, the compact 6-pin
SC-70 copper leadframe LITTLE FOOT power MOSFET can
handle up to 1 W under the stated conditions.
Testing
To further aid comparison of copper and Alloy 42 leadframes,
Figure 5 illustrates single-channel 6-pin SC-70 thermal
performance on two different board sizes and two different pad
patterns. The measured steady-state values of RqJA for the
two leadframes are as follows:
LITTLE FOOT 6-PIN SC-70
Alloy 42
Copper
1) Minimum recommended pad pattern on
the EVB board V (see Figure 3.
329.7_C/W
208.5_C/W
2) Industry standard 1-inch2 PCB with
maximum copper both sides.
211.8_C/W
103.5_C/W
The results indicate that designers can reduce thermal
resistance (RqJA) by 36% simply by using the copper
leadframe device rather than the Alloy 42 version. In this
example, a 121_C/W reduction was achieved without an
increase in board area. If increasing in board size is feasible,
a further 105_C/W reduction could be obtained by utilizing a
1-inch2 square PCB area.
The copper leadframe versions have the following suffix:
Single:
Si14xxEDH
Dual:
Si19xxEDH
Complementary: Si15xxEDH


Similar Part No. - SI1406DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1406DH VISHAY-SI1406DH Datasheet
47Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 13-Aug-01
SI1406DH VISHAY-SI1406DH Datasheet
92Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S-50366-Rev. B, 28-Feb-05
SI1406DH-T1 VISHAY-SI1406DH-T1 Datasheet
92Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S-50366-Rev. B, 28-Feb-05
SI1406DH-T1-E3 VISHAY-SI1406DH-T1-E3 Datasheet
92Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S-50366-Rev. B, 28-Feb-05
SI1406DH VISHAY-SI1406DH_08 Datasheet
92Kb / 5P
   N-Channel 20-V (D-S) MOSFET
S-50366-Rev. B, 28-Feb-05
More results

Similar Description - SI1406DH

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com