Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1401EDH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1401EDH
Description  P-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1401EDH Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1401EDH Datasheet HTML 1Page - Vishay Siliconix SI1401EDH Datasheet HTML 2Page - Vishay Siliconix SI1401EDH Datasheet HTML 3Page - Vishay Siliconix SI1401EDH Datasheet HTML 4Page - Vishay Siliconix SI1401EDH Datasheet HTML 5Page - Vishay Siliconix SI1401EDH Datasheet HTML 6Page - Vishay Siliconix SI1401EDH Datasheet HTML 7Page - Vishay Siliconix SI1401EDH Datasheet HTML 8Page - Vishay Siliconix SI1401EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 70080
S10-1537-Rev. A, 19-Jul-10
Vishay Siliconix
Si1401EDH
New Product
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 12
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 5.2
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
2.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.4
- 1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 5
µA
VDS = 0 V, VGS = ± 4.5 V
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
VDS = - 12 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 10 V
- 15
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 5.5 A
0.028
0.034
VGS = - 2.5 V, ID = - 4.8 A
0.038
0.046
VGS = - 1.8 V, ID = - 1.4 A
0.053
0.070
VGS = - 1.5 V, ID = - 0.9 A
0.072
0.110
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 5.5 A
16
S
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 8 V, ID = - 5.5 A
24
36
nC
Gate-Source Charge
VDS = - 6 V, VGS = - 4.5 V, ID = - 5.5 A
14.1
22
Qgs
1.9
Gate-Drain Charge
Qgd
4
Gate Resistance
Rg
f = 1 MHz
0.08
0.42
0.84
k
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 1.4 
ID  - 4.4 A, VGEN = - 4.5 V, Rg = 1 
160
240
ns
Rise Time
tr
420
630
Turn-Off Delay Time
td(off)
1325
1990
Fall Time
tf
985
1480
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 1.4 
ID  - 4.4 A, VGEN = - 8 V, Rg = 1 
72
110
Rise Time
tr
210
320
Turn-Off Delay Time
td(off)
2100
3150
Fall Time
tf
1015
1525
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 2.3
A
Pulse Diode Forward Current
ISM
- 25
Body Diode Voltage
VSD
IS = - 5.5 A, VGS = 0 V
- 0.85
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 5.5 A, dI/dt = 100 A/µs, TJ = 25 °C
27
50
ns
Body Diode Reverse Recovery Charge
Qrr
12
25
nC
Reverse Recovery Fall Time
ta
10
ns
Reverse Recovery Rise Time
tb
17


Similar Part No. - SI1401EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1401EDH VISHAY-SI1401EDH Datasheet
268Kb / 12P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1401EDH-T1-GE3 VBSEMI-SI1401EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1401EDH VISHAY-SI1401EDH_V01 Datasheet
268Kb / 12P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1401EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com