Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT60A Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT60A
Description  Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT60A Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT60A Datasheet HTML 1Page - Siemens Semiconductor Group BAT60A Datasheet HTML 2Page - Siemens Semiconductor Group BAT60A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT 60A
Semiconductor Group
Sep-04-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 5 V
VR = 8 V
-
-
-
-
mA
0.3
0.45
IR
Reverse current
VR = 8 V, TA = 80 °C
IR
-
18
µA
-
Forward voltage
IF = 10 mA
IF = 100 mA
IF = 1000 mA
VF
-
-
-
0.12
0.2
0.3
-
-
-
V
AC characteristics
CT
-
20
-
pF
Diode capacitance
VR = 5 V, f = 1 MHz
Semiconductor Group
2
1998-11-01


Similar Part No. - BAT60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
   Silicon Schottky Diode
2007-04-19
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
   SOD-323 Plastic-Encapsulate Diodes
logo
DONGGUAN YOU FENG WEI E...
BAT60A YFWDIODE-BAT60A Datasheet
549Kb / 4P
   Schottky Diodes
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
More results

Similar Description - BAT60A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT60B SIEMENS-BAT60B Datasheet
25Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
BAT240A SIEMENS-BAT240A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
logo
GeneSiC Semiconductor, ...
MBRH15035L GENESIC-MBRH15035L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH15040L GENESIC-MBRH15040L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20030L GENESIC-MBRH20030L Datasheet
365Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20035L GENESIC-MBRH20035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH20040L GENESIC-MBRH20040L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30020L GENESIC-MBRH30020L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRH30035L GENESIC-MBRH30035L Datasheet
366Kb / 3P
   Low VF Silicon Power Schottky Diode
MBRT60040L GENESIC-MBRT60040L Datasheet
605Kb / 3P
   Low VF Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com