Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1300BDL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1300BDL
Description  N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1300BDL Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1300BDL_10 Datasheet HTML 1Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 2Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 3Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 4Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 5Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 6Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 7Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 8Page - Vishay Siliconix SI1300BDL_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si1035X
Document Number: 71426
S10-2544-Rev. C, 08-Nov-10
www.vishay.com
1
Complementary N- and P-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET: 1.5 V Rated
Very Small Footprint
High-Side Switching
Low On-Resistance:
N-Channel, 5
P-Channel, 8
Low Threshold: ± 0.9 V (typ.)
Fast Switching Speed: 45 ns (typ.)
1.5 V Operation
Gate-Source ESD Protected: 2000 V
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Replace Digital Transistor, Level-Shifter
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (mA)
N-Channel
20
5 at VGS = 4.5 V
200
7 at VGS = 2.5 V
175
9 at VGS = 1.8 V
150
10 at VGS = 1.5 V
50
P-Channel
- 20
8 at VGS = - 4.5 V
- 150
12 at VGS = - 2.5 V
- 125
15 at VGS = - 1.8 V
- 100
20 at VGS = - 1.5 V
- 30
Marking Code: M
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SC-89
Ordering Information: Si1035X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
190
180
- 155
- 145
mA
TA = 85 °C
140
130
- 110
- 105
Pulsed Drain Currentb
IDM
650
- 650
Continuous Source Current (Diode Conduction)
IS
450
380
- 450
- 380
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
280
250
mW
TA = 85 °C
145
130
145
130
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V


Similar Part No. - SI1300BDL_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1300BDL-T1-E3 VISHAY-SI1300BDL-T1-E3 Datasheet
104Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-52388-Rev. A, 21-Nov-05
More results

Similar Description - SI1300BDL_10

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com