Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1032R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1032R
Description  N-Channel 1.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1032R Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1032R_10 Datasheet HTML 1Page - Vishay Siliconix SI1032R_10 Datasheet HTML 2Page - Vishay Siliconix SI1032R_10 Datasheet HTML 3Page - Vishay Siliconix SI1032R_10 Datasheet HTML 4Page - Vishay Siliconix SI1032R_10 Datasheet HTML 5Page - Vishay Siliconix SI1032R_10 Datasheet HTML 6Page - Vishay Siliconix SI1032R_10 Datasheet HTML 7Page - Vishay Siliconix SI1032R_10 Datasheet HTML 8Page - Vishay Siliconix SI1032R_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si1032R/X
Document Number: 71172
S10-2544-Rev. F, 08-Nov-10
www.vishay.com
1
N-Channel 1.5 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
Low-Side Switching
Low On-Resistance: 5
Low Threshold: 0.9 V (typ.)
Fast Switching Speed: 35 ns
TrenchFET® Power MOSFETs: 1.5 V Rated
2000 V ESD Protection
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (mA)
20
5 at VGS = 4.5 V
200
7 at VGS = 2.5 V
175
9 at VGS = 1.8 V
150
10 at VGS = 1.5 V
50
Ordering Information:
Si1032R-T1-GE3 (SC-75A, Lead (Pb)-free and Halogen-free)
Si1032X-T1-GE3 (SC-89, Lead (Pb)-free -free Halogen-free)
Top View
2
1
S
D
G
3
Marking Code: G
SC-75A or SC-89
Notes:
a. Surface mounted on FR4 board.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Si1032R
Si1032X
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 6
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
200
140
210
200
mA
TA = 85 °C
110
100
150
140
Pulsed Drain Currenta
IDM
500
600
Continuous Source Current (Diode Conduction)a
IS
250
200
300
240
Maximum Power Dissipationa for SC-75
TA = 25 °C
PD
280
250
340
300
mW
TA = 85 °C
145
130
170
150
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V


Similar Part No. - SI1032R_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R-T1 VISHAY-SI1032R-T1 Datasheet
53Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SI1032R-T1-E3 VISHAY-SI1032R-T1-E3 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R-T1-GE3 VISHAY-SI1032R-T1-GE3 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1032R_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com