Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1029X Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1029X
Description  Complementary N- and P-Channel 60 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1029X Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1029X Datasheet HTML 1Page - Vishay Siliconix SI1029X Datasheet HTML 2Page - Vishay Siliconix SI1029X Datasheet HTML 3Page - Vishay Siliconix SI1029X Datasheet HTML 4Page - Vishay Siliconix SI1029X Datasheet HTML 5Page - Vishay Siliconix SI1029X Datasheet HTML 6Page - Vishay Siliconix SI1029X Datasheet HTML 7Page - Vishay Siliconix SI1029X Datasheet HTML 8Page - Vishay Siliconix SI1029X Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si1029X
Document Number: 71435
S10-2432-Rev. C, 25-Oct-10
www.vishay.com
1
Complementary N- and P-Channel 60 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFETs
Very Small Footprint
High-Side Switching
Low On-Resistance:
N-Channel, 1.40
P-Channel, 4
Low Threshold: ± 2 V (typ.)
Fast Switching Speed: 15 ns (typ.)
Gate-Source ESD Protected: 2000 V
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
APPLICATIONS
Replace Digital Transistor, Level-Shifter
Battery Operated Systems
Power Supply Converter Circuits
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (mA)
N-Channel
60
1.40 at VGS = 10 V
500
3 at VGS = 4.5 V
200
P-Channel
- 60
4 at VGS = - 10 V
- 500
8 at VGS = - 4.5 V
- 25
Notes:
a. Surface mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
Marking Code: H
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SC-89
Ordering Information: Si1029X-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
60
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
320
305
- 200
- 190
mA
TA = 85 °C
230
220
- 145
- 135
Pulsed Drain Currentb
IDM
650
- 650
Continuous Source Current (Diode Conduction)a
IS
450
380
- 450
- 380
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
280
250
mW
TA = 85 °C
145
130
145
130
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V


Similar Part No. - SI1029X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1029X TECHPUBLIC-SI1029X Datasheet
1Mb / 4P
   N- and P-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI1029X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X_08 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com