Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1029X Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI1029X
Description  Complementary N- and P-Channel 60 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1029X Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI1029X Datasheet HTML 2Page - Vishay Siliconix SI1029X Datasheet HTML 3Page - Vishay Siliconix SI1029X Datasheet HTML 4Page - Vishay Siliconix SI1029X Datasheet HTML 5Page - Vishay Siliconix SI1029X Datasheet HTML 6Page - Vishay Siliconix SI1029X Datasheet HTML 7Page - Vishay Siliconix SI1029X Datasheet HTML 8Page - Vishay Siliconix SI1029X Datasheet HTML 9Page - Vishay Siliconix SI1029X Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 71435
S10-2432-Rev. C, 25-Oct-10
www.vishay.com
7
Vishay Siliconix
Si1029X
N- OR P-CHANNEL TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71435.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10 -3
10 -2
0
0
6
0
1
1
10 -1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 500 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI1029X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1029X TECHPUBLIC-SI1029X Datasheet
1Mb / 4P
   N- and P-Channel 60 V (D-S) MOSFET
More results

Similar Description - SI1029X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X_08 Datasheet
130Kb / 8P
   Complementary N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1029X VISHAY-SI1029X_V01 Datasheet
164Kb / 10P
   Complementary N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com