Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVQ374M Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74LVQ374M
Description  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ374M Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LVQ374M Datasheet HTML 1Page - Motorola, Inc MC74LVQ374M Datasheet HTML 2Page - Motorola, Inc MC74LVQ374M Datasheet HTML 3Page - Motorola, Inc MC74LVQ374M Datasheet HTML 4Page - Motorola, Inc MC74LVQ374M Datasheet HTML 5Page - Motorola, Inc MC74LVQ374M Datasheet HTML 6Page - Motorola, Inc MC74LVQ374M Datasheet HTML 7Page - Motorola, Inc MC74LVQ374M Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LVQ374
LCX DATA
BR1478
5
MOTOROLA
WAVEFORM 3 – PULSE WIDTH
tR = tF = 2.5ns (or fast as required) from 10% to 90%;
Output requirements: VOL ≤ 0.8V, VOH ≥ 2.0V
VCC
0V
VCC
0V
50% VCC
50% VCC
Figure 1. AC Waveforms
tw
50% VCC
50% VCC
tw
WAVEFORM 2 – OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
VCC
0V
≈ 0V
OE
On
tPZH
≈ 3.0V
tPHZ
tPZL
tPLZ
On
50% VCC
50% VCC
50% VCC
VCC
VOH – 0.3V
VOL + 0.3V
GND
50% VCC
CP
CP
WAVEFORM 1 – PROPAGATION DELAYS, SETUP AND HOLD TIMES
tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
VCC
0V
Dn
CP
50% VCC
On
VCC
0V
VOH
VOL
tPLH, tPHL
th
ts
50% VCC
50% VCC
fmax
50% VCC
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
2
• VCC
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
2
• VCC
Open Collector/Drain tPLH and tPHL
2
• VCC
tPZH, tPHZ
Open
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 2. Test Circuit


Similar Part No. - MC74LVQ374M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373DT MOTOROLA-MC74LVQ373DT Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373DW MOTOROLA-MC74LVQ373DW Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373M MOTOROLA-MC74LVQ373M Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ373SD MOTOROLA-MC74LVQ373SD Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Similar Description - MC74LVQ374M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com