Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5404 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SF5404
Description  Ultra-Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5404 Datasheet(HTML) 1 Page - Vishay Siliconix

  SF5404 Datasheet HTML 1Page - Vishay Siliconix SF5404 Datasheet HTML 2Page - Vishay Siliconix SF5404 Datasheet HTML 3Page - Vishay Siliconix SF5404 Datasheet HTML 4Page - Vishay Siliconix SF5404 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 86061
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.8, 25-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
91
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultra-Fast Avalanche Sinterglass Diode
SF5400,SF5401,SF5402, SF5403, SF5404, SF5405,SF5406, SF5407, SF5408
Vishay Semiconductors
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated
• Hermetically sealed axial leaded glass envelope
• Low reverse current
• High reverse voltage
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• Switched mode power supplies
• High-frequency inverter circuits
949588
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
SF5400
VR = 50 V; IFAV = 3 A
SOD-64
SF5401
VR = 100 V; IFAV = 3 A
SOD-64
SF5402
VR = 200 V; IFAV = 3 A
SOD-64
SF5403
VR = 300 V; IFAV = 3 A
SOD-64
SF5404
VR = 400 V; IFAV = 3 A
SOD-64
SF5405
VR = 500 V; IFAV = 3 A
SOD-64
SF5406
VR = 600 V; IFAV = 3 A
SOD-64
SF5407
VR = 800 V; IFAV = 3 A
SOD-64
SF5408
VR = 1000 V; IFAV = 3 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak
reverse voltage
See electrical characteristics
SF5400
VR = VRRM
50
V
SF5401
VR = VRRM
100
V
SF5402
VR = VRRM
200
V
SF5403
VR = VRRM
300
V
SF5404
VR = VRRM
400
V
SF5405
VR = VRRM
500
V
SF5406
VR = VRRM
600
V
SF5407
VR = VRRM
800
V
SF5408
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
150
A
Average forward current
IFAV
3A
Junction and storage temperature
range
Tj = Tstg
- 55 to + 175
°C
Non repetitive reverse avalanche
energy
I(BR)R = 0.4 A
ER
10
mJ


Similar Part No. - SF5404

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5404 VISHAY-SF5404 Datasheet
51Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
List of Unclassifed Man...
SF5404 ETC-SF5404 Datasheet
103Kb / 2P
   374.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5404 VANLONG-SF5404 Datasheet
109Kb / 2P
   374.00 MHz SAW Filter
logo
Gulf Semiconductor
SF5404 GULFSEMI-SF5404 Datasheet
102Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
logo
Vishay Siliconix
SF5404 VISHAY-SF5404 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9, 19-Sep-12
More results

Similar Description - SF5404

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com