Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD101BWS-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD101BWS-V
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101BWS-V Datasheet(HTML) 3 Page - Vishay Siliconix

  SD101BWS-V Datasheet HTML 1Page - Vishay Siliconix SD101BWS-V Datasheet HTML 2Page - Vishay Siliconix SD101BWS-V Datasheet HTML 3Page - Vishay Siliconix SD101BWS-V Datasheet HTML 4Page - Vishay Siliconix SD101BWS-V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SD101AWS-V, SD101BWS-V,
Document Number 85680
Rev. 1.7, 05-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): SOD-323
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
100
10
1
0.1
0.01
10
20
30
40
050
75 °C
50 °C
25 °C
125 °C
100 °C
VR -Reverse Voltage (V)
18479
Figure 4. Typical Capacitance Curve as a Function of Reverse
Voltage
18480
10
20
30
40
0
0
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.8
0.2
0.4
50
Tj = 25 °C
C
B
A
VR -Reverse Voltage (V)
Foot print recommendation:
Rev. 5 - Date: 23.Sept.2009
17443
Document no.:S8-V-3910.02-001 (4)
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
Cathode bar
2.50 (0.098)
2.85 (0.112)
1.60 (0.063)
1.95 (0.077)
Created - Date: 24.August.2004
0.40 (0.016)
0.25 (0.010)


Similar Part No. - SD101BWS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD101BWS-V VISHAY-SD101BWS-V Datasheet
72Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.6, 15-Sep-06
SD101BWS-V VISHAY-SD101BWS-V Datasheet
78Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.7, 05-Aug-10
SD101BWS-V-GS08 VISHAY-SD101BWS-V-GS08 Datasheet
72Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.6, 15-Sep-06
SD101BWS-V-GS18 VISHAY-SD101BWS-V-GS18 Datasheet
72Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.6, 15-Sep-06
More results

Similar Description - SD101BWS-V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com