Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8196PDIF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8196PDIF
Description  28 QUAD SPST ANALOG SWITCH Open Circuit when Power Off
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8196PDIF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8196PDIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8196PDIF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HOLT INTEGRATED CIRCUITS
3
ELECTRICAL CHARACTERISTICS
V+ = 15V, V- = -15V, GND = 0V. Operating temperature range (unless otherwise noted).
V
= 3.3V
V
= 5.0V
PARAMETER
CONDITIONS
FIGURE
UNIT
LOGIC
LOGIC
SYMBOL
SWITCH PARAMETERS
Switch Resistance
R
V+/V-=+/-15V, Vs=+/-5V
1
1827
31
182731
Leakage
I
Switch voltage
2
5
5
nA
(open circuit and
LOGIC INPUTS
Input High Voltage
V
70
70
%V
Input Low Voltage
V
30
30
%V
Input Current
I
V
= 0V or V =VLOGIC
-0.5
0.5
-0.5
0.5
SUPPLY
VLOGIC Current
I
Any state
0.5
0.5
V+ Current
I
Any state
0.5
0.5
V- Current
I
Any state
-0.5
-0.5
DYNAMIC PARAMETERS
Turn On Time
T
V+/V- = 10V, 25°C
3
55
35
ns
Turn Off time
T
Break-Before-Make Time
T
10V signal, 25°C
4
8
8
ns
10V signal, -55°C to +125°C
4
4
4
ns
Charge Injection
Q
V =0V, R =0
25°C
5
-10
-10
pC
Off Isolation
R
f = 1 MHz, 25°C
6
65
65
dB
Crosstalk
C
25°C
7
90
90
dB
Capacitance
C
Switch Off, 25°C
8
12
12
pF
C
Switch On, 25°C
9
46
46
pF
MIN
TYP
MAX
MIN
TYP
MAX
ON
SWLEAK
IH
LOGIC
IL
LOGIC
IN
IN
IN
DD1
DD2
EE
ON
OFF
D
SS
R
R
OFF
ON
1
1824
28
182428
25°C, 10mA
V+/V-=+/-15V, Vs=+/-10V
V+/V-=+/-10V, Vs=+/-5V
1
20
28
32
20
28
32
|
|
± 10V, 25°C
power down)
|I
|
Switch voltage ± 10V, 125°
2
20
20
nA
|I
|
Switch voltage ± 10V, -55°C
2
150
150
nA
μA
μA
μA
μA
±
V = ±10V, -55°C to +125°C
3
75
55
ns
V+/V- = ±10V, 25°C
3
35
20
ns
V = ±10V, -55°C to +125°C
3
40
25
ns
f = 1 MHz,
W
W
W
W,
SWLEAK
SWLEAK
S
S
HI-8195, HI-8196, HI-8197
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Continuous Power Dissipation (TA=70°C):
SO Package (derate 6.7mW/°C above 70°C)...................696mW
Plastic DIP (derate 10.53 mw/°C above 70°C) .................842mW
Thin QFN (derate 21.3mW/°C above 70°C) ...................1702mW
Storage Temperature Range:
......................................-65°C to +150°C
Soldering Temperature:
(Ceramic)......................60 sec. at +300°C
(Plastic - leads).............10 sec. at +280°C
(Plastic - body) .....................+260°C Max.
Supply Voltage, V+: ............................................................................16.5V
Supply Voltage, V-:.............................................................................-16.5V
Supply Voltage, V
.........................................................................5.5V
Switch Current (either direction, DC)
Peak Switch Current (1 ms pulse, 10% duty cycle max.)..................100mA
Digital Input Voltage (IN1-4):.....................................
LOGIC
: .................................................20mA
-0.3V to V
+ 0.3V
Operating Temperature Range: (Industrial)..........................-40°C to +85°C
(Hi-Temp) ........................-55°C to +125°C
Maximum Junction Temperature ........................................................175°C
LOGIC
(Voltages referenced to GND = 0V)


Similar Part No. - HI-8196PDIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190 HOLTIC-HI-8190 Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190CRH HOLTIC-HI-8190CRH Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190H HOLTIC-HI-8190H Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
HI-8190PCI HOLTIC-HI-8190PCI Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
HI-8190PCIF HOLTIC-HI-8190PCIF Datasheet
79Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
More results

Similar Description - HI-8196PDIF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com