Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3111PCTF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3111PCTF
Description  Avionics CAN Controller with Integrated Transceiver
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3111PCTF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3111PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3111PCTF Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
generated bit level is constant during the total bit time and
consecutive bits do not return to a neutral or rest condition.
This means that a bit stream of “1s” or “0”s appears
continuous on the bus. A logic “0” is called a dominant bit
and a logic “1” is called a recessive bit.
Bit stuffing is used to ensure frequent enough transitions
occur to achieve synchronization. Every time a transmitter
detects five consecutive bits of the same polarity in the bit
stream to be transmitted, it inserts a bit of opposite polarity
into the actual transmitted bit stream.
This bit stuffing rule applies to the Start-of-Frame field,
arbitration field, control field, data field and CRC sequence.
The CRC delimiter, ACK field and End-Of-Frame fields are of
fixed form and not stuffed (see below for definition of these
fields). Furthermore, Error frames and Overload frames are
also of fixed form and not stuffed.
An example of how the bits in a stuffed bit stream might look
is shown below.
00101011111 0000 1100000 11000
0 = dominant bit,
= dominant stuffed bit.
1 = recessive bit, = recessive stuffed bit.
The standard data frame is shown in figure 2. The frame
starts with a Start-of-Frame (SOF) bit. This is a dominant bit
that identifies the start of the data frame on the bus.
The SOF is followed by the 12-bit arbitration field.
The
arbitration field consists of an 11-bit identifer, ID28 - ID18,
and the Remote Transmission Request (RTR) bit. The RTR
bit is used to distinguish between a data frame (RTR bit
dominant, logic 0) and a remote frame (RTR bit recessive,
logic 1).
Following the arbitration field is the 6-bit control field. The
first bit of the control field is the Identifier Extension flag bit
(IDE). This is used to distinguish between standard and
extended identifiers and must be dominant (logic 0) for
standard data frames. The next bit, r0, is specified by the
CAN protocol as a reserved bit for future expansion. This bit
must be transmitted dominant, but receivers must be
capable of receiving either a dominant or recessive bit. The
final 4 bits of the control field make up the data length code
(DLC).
The binary value of this 4-bit field specifies the
number of data bytes in the data payload (0 - 8 bytes).
All binary combinations greater than or equal to <1000>
specify 8 bytes of data.
After the control field is the data field, which contains a data
payload equal to the number of bytes specified by the DLC
(see note above).
The data field is followed by the 16-bit Cyclic Redundancy
Check (CRC) field.
This is used to check transmission
errors by computing a 15-bit CRC sequence from the
previous bit stream (SOF, arbitration field, control field and
data field, excluding stuff bits). The last bit in the CRC field is
the CRC delimiter bit (always recessive).
After the CRC field is the Acknowledge Field (ACK Field).
The first bit is the ACK Slot bit. A transmitting node sends a
recessive bit (logic 1) during the ACK slot. Any node which
receives the message error-free acknowledges the
reception by placing a dominant bit (logic 0) in the ACK slot,
over-writing the recessive bit of the transmitter. The final bit
in the ACK field is a recessive ACK delimiter bit. Therefore,
the dominant ACK slot bit is surrounded on each side by a
recessive bit.
Each data frame is delimited by an End-Of-Frame field
(EOF). The EOF consists of seven recessive bits.
Following the EOF, there is a gap to the next frame called the
Interframe Space (IFS) . The IFS consists of two bit fields,
Intermission and Bus-Idle.
The Intermission consists of
three recessive bits, however the following notes apply:
a) detection of a dominant bit on the bus at the third slot is
interpreted as a SOF,
b) detection of a dominant bit in either the first or second
slots results in generation of an overload frame (see below).
The bus idle period is of arbitrary length and consists of
recessive bits. A dominant bit detected during this period is
interpreted as a SOF.
The extended data frame is shown in figure 3. In this frame
format, SOF is followed by a 32-bit arbitration field consisting
of a 29-bit identifier, ID28 - ID0. The first 11 most significant
bits of the ID are know as the base identifier. This is followed
by the Substitute Remote Request (SRR) bit, which is
defined as recessive. Following the SRR bit is the IDE bit,
which is defined as recessive for extended data frames.
Note that the SRR bit is in the same slot as the RTR bit of the
standard frame and the IDE bits are also in corresponding
slots. This means if standard and extended identifier data
frames with identical base identifiers are transmitted
simultaneously, the standard identifier data frame will win
arbitration (see Bitwise Arbitration section below).
The SRR and IDE bits are followed by the remaining 18 bits
of the identifier (extended ID) and the last bit of the
arbitration field is the RTR bit. The RTR bit has the same
function as in the standard frame format.
Following the arbitration field is the 6-bit control field. The
first two bits, r1 and r0, are specified by the CAN protocol as
reserved bits for future expansion. Both these bits must be
transmitted dominant, but receivers must be able to receive
all combinations of dominant or recessive bits. The final 4
bits of the control field is the data length code (DLC). The
OI
I
O
I
STANDARD DATA FRAME
Note:
EXTENDED DATA FRAME
MESSAGE FRAMES
HI-3110
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-3111PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3110H HOLTIC-HI-3110H_16 Datasheet
185Kb / 53P
   Avionics CAN Controller with Integrated Transceiver and High Operating Temperature
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
More results

Similar Description - HI-3111PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
HI-3110H HOLTIC-HI-3110H_16 Datasheet
185Kb / 53P
   Avionics CAN Controller with Integrated Transceiver and High Operating Temperature
HI-5110 HOLTIC-HI-5110 Datasheet
184Kb / 51P
   CAN Controller with Integrated Transceiver
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1 Datasheet
112Kb / 7P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
TCAN4550 TI1-TCAN4550 Datasheet
1Mb / 144P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
logo
Microchip Technology
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
   External CAN FD Controller with Integrated Transceiver
Revision A February 2022
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Broadcom Corporation.
BCM5705 BOARDCOM-BCM5705 Datasheet
501Kb / 1P
   CONTROLLER WITH INTEGRATED TRANSCEIVER
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com