Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5002CRIF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-5002CRIF
Description  1Mbps CAN Transceiver with Low Power Standby Mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-5002CRIF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-5002CRIF Datasheet HTML 2Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 3Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 4Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 5Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 6Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 7Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 8Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 9Page - Holt Integrated Circuits HI-5002CRIF Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DC ELECTRICAL CHARACTERISTICS (cont.)
V
= 5V 5%, Operating temperature range. Positive currents flow into the IC.
DD
±
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
MIN
TYP
MAX
Input leakage current, unpowered node
I
, I
V
=
0 V
200
+ 200
μA
CANH
CANL
DD
Short-circuit steady-state output current
I
V
= +58V, V
open
-20
20
mA
V
= -58V, V
openV
-200
100
mA
V
= +58V, V
open
100
200
mA
V
= -58V, V
open (See Fig. 6)
-20
20
mA
Differential receiver threshold voltage
V
12V<V
,V
<+12V
500
700
900
mV
Differential hysteresis voltage
V
12V<V
,V
<+12V
50
120
200
mV
Differential hysteresis voltage in Standby mode
V
12V<V
,V
<+12V
500
1150
mV
V
V= V
= 5V
Differential input resistance
R
V
= V
12V<V
,V
<+12V
2
50
75
k
Common mode input resistance
R
V
= V
12V<V
,V
<+12V
1
30
45
k
RV
= V
3
+ 3
%
OS(ss)
CANH
CANL
CANH
CANL
CANL
CANH
CANL
CANH
Th(Rx)(diff)
CANH
CANL
Hys(Rx)(diff)
CANH
CANL
Hys(Stb)(diff)
CANH
CANL
IO
CANH
CANL
IN(DIFF)
TXD
DD
CANH
CANL
IN(CM)
TXD
DD
CANH
CANL
IN(CM)(m)
CANH
CANL
RECEIVER
−5
Ω
−5
Ω
Deviation between common mode input resistance
between CANH and CANL
HOLT INTEGRATED CIRCUITS
6
HI-5000, HI-5001, HI-5002
AC ELECTRICAL CHARACTERISTICS
V
= 5V 5%, Operating temperature range. Positive currents flow into the IC.
DD
±
NOTES:
1. All currents into the device pins are positive; all currents out of the device pins are negative.
2. All typicals are given for V
= 5V, T = 25°C.
3. Guaranteed by design but not tested.
DD
A
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
MIN
TYP
MAX
Delay TXD to bus active
t
40
90
ns
dr(TXD)
Bit time
t
1
25
μs
Bit rate
f
40
1000
kHz
Common mode input capacitance
C
V
= V
, 1Mbit/s data rate
20
pF
Differential input capacitance
C
V
= V
, 1Mbit/s data rate
10
pF
Delay TXD to bus inactive
t
See Timing Diagrans
40
90
ns
Delay bus active to RXD
t
30
70
ns
Delay bus inactive to RXD
t
70
150
ns
Propagation delay TXD to RXD (recessive to dominant)
t
70
160
ns
Propagation delay TXD to RXD (dominant to recessive)
t
110
240
ns
TXD permanent dominant time-out
t
V
= 0 V
0.3
2
6
ms
TXD permanent dominant timer reset time
t
Rising edge on TXD while in
permanent dominant state
1
μs
Dominant time required on bus for standby receiver
t
0.5
3
5
μs
detection
Bit
Bit
IN(CM)
TXD
DD
DIFF(CM)
TXD
DD
df(TXD)
df(RXD)
dr(RXD)
Prop1
Prop2
dom
TXD
Rdom
3
3
wake


Similar Part No. - HI-5002CRIF

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-5040 HARRIS-HI-5040 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
HI-5041 HARRIS-HI-5041 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
logo
Harris Corporation
HI-5042 HARRIS-HI-5042 Datasheet
183Kb / 11P
   15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042 Datasheet
490Kb / 12P
   CMOS Analog Switches
More results

Similar Description - HI-5002CRIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
NXP Semiconductors
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
   High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
   High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
   High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
   High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
   High-speed CAN transceiver with Standby mode
logo
Microchip Technology
ATA6562 MICROCHIP-ATA6562 Datasheet
1Mb / 32P
   High-Speed CAN Transceiver with Standby Mode
09/14/21
logo
List of Unclassifed Man...
HI-3000H ETC2-HI-3000H Datasheet
77Kb / 12P
   1Mbps Avionics CAN Transceiver
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
   Dual high-speed CAN transceiver with Standby mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com