Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5111PCIF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-5111PCIF
Description  CAN Controller with Integrated Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-5111PCIF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-5111PCIF Datasheet HTML 1Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-5111PCIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
HI-5110
SIGNAL
FUNCTION
DESCRIPTION
INTERNAL PULL UP / DOWN
SCK
INPUT
SPI Clock. Data is shifted into or out of the SPI interface using SCK
50K ohm pull-down
INPUT
Chip Select. Data is shifted into SI and out of SO when
is low.
50K ohm pull-up
SI
INPUT
SPI interface serial data input
50K ohm pull-down
SO
OUTPUT
SPI interface serial data output
INT
OUTPUT
Active high. Programmable interrupt output
STAT
OUTPUT
Active high. Programmable status output.
TXEN
INPUT
0K ohm pull-down
OSCIN
INPUT
Crystal input. A parallel resonant crystal can be connected between OSCIN and
OSCOUT. If an external clock is used, it should be connected to the OSCIN pin
and the OSCOUT pin should be left floating. The internal oscillator should be
shut off by setting the OSCOFF bit in the CTRL1 register.
OSCOUT
OUTPUT
Crystal output. If an external clock is used, this pin should be left floating and
disabled by setting the OSCOFF bit in the CTRL1 register.
GP1
OUTPUT
General purpose pin 1, which can be programmed to reflect the values of
interrupt and status flag bits.
GP2
OUTPUT
General purpose pin 2, which can be programmed to reflect the values of
interrupt and status flag bits.
CLKOUT
OUTPUT
Clock output pin with programmable frequency divider.
SPLIT
OUTPUT
VDD/2 output bias (Powered off in Sleep Mode and when the common mode
bias is greater than 25V).
CANH
BUS I/O
CAN bus line high.
CANL
BUS I/O
CAN bus line low.
MR
INPUT
Active High. Device Master Reset input pin. Asserting this pin resets all registers
50K ohm pull-down
and memory buffers to their default state at start-up.
VDD
POWER
5V supply voltage input.
GND
POWER
Supply voltage ground.
CS
CS
Active high. Transmit Enable pin. When the TXEN pin is asserted, any message
10
in the Transmit FIFO will be automatically loaded to the Transmit buffer and sent
if the bus is available. This pin is logically ORed with the TXEN and TX1M bits
in the CTRL1 register. When the TXEN pin is reset, messages loaded to the
FIFO will not be sent until TXEN or TX1M bits are set in the CTRL1 register.
VLOGIC
POWER
3.3V supply voltage input. This supply is used to drive the host digital logic I/O.
It can either be connected directly to VDD (+5V) or a +3.3V supply.
PIN DESCRIPTIONS
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-5111PCIF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
516Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
October 1999
HI-516 INTERSIL-HI-516 Datasheet
324Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
HI-516 INTERSIL-HI-516 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI-516 RENESAS-HI-516 Datasheet
619Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
329Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
More results

Similar Description - HI-5111PCIF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1 Datasheet
112Kb / 7P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110 Datasheet
189Kb / 53P
   Avionics CAN Controller with Integrated Transceiver
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
   Avionics CAN Controller with Integrated Transceiver
logo
Texas Instruments
TCAN4550 TI1-TCAN4550 Datasheet
1Mb / 144P
[Old version datasheet]   CAN FD Controller with Integrated Transceiver
logo
Microchip Technology
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
   External CAN FD Controller with Integrated Transceiver
Revision A February 2022
logo
Broadcom Corporation.
BCM5705 BOARDCOM-BCM5705 Datasheet
501Kb / 1P
   CONTROLLER WITH INTEGRATED TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3110H HOLTIC-HI-3110H_16 Datasheet
185Kb / 53P
   Avionics CAN Controller with Integrated Transceiver and High Operating Temperature
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Maxim Integrated Produc...
MAX14882 MAXIM-MAX14882 Datasheet
527Kb / 15P
   5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
Rev 0; 2/18
logo
Broadcom Corporation.
BCM5755 BOARDCOM-BCM5755 Datasheet
92Kb / 2P
   10/100/1000BASE-T CONTROLLER WITH INTEGRATED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com