Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8190PDI Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8190PDI
Description  12, Quad, SPST, 3.3V / 5.0V compatible Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8190PDI Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-8190PDI Datasheet HTML 1Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 2Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 3Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 4Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 5Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 6Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 7Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 8Page - Holt Integrated Circuits HI-8190PDI Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HI-8190 PACKAGE DIMENSIONS
16-PIN PLASTIC CHIP-SCALE PACKAGE
millimeters
Package Type: 16PCS1
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
Top View
Bottom
View
Electrically isolated metal
heat sink on bottom of
package
Connect to any ground or
power plane for optimum
thermal dissipation
16-PIN PLASTIC SMALL OUTLINE (SOIC) - NB
(Narrow Body)
inches (millimeters)
Package Type: 16HN
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
0
° to 8°
Detail A
.0069 ± .0029
(.176 ± .074)
.033 ± .017
(.838 ± .432)
.061 ± .007
(1.549 ± .178)
.0165 ± .003
(.419 ± .089)
.390 ± .004
(9.90 ± .10)
.236
±.008
(5.99
±.20)
.0087 ± .0012
(.220 ± .029)
See Detail A
.1525 ± .0025
(3.87 ± .06)
Top View
.050
(1.27)
BSC
5.00 ± 0.05
(0.197 ± 0.002)
3.38 ± 0.05
(0.133 ± 0.002)
0.75 ± 0.05
(0.03 ± 0.002)
0.025 ± 0.025
(0.001 ± 0.001)
0.203
(0.008)
REF.
0.80
(0.031) BSC
0.30
0.012
± 0.05
(
± 0.002)
.50 ± 0.05
(0.020 ± 0.002)
0.20
(0.008)
min.
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8190PDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8190PSF HOLTIC-HI-8190PSF Datasheet
83Kb / 9P
   12, Quad, SPST, 3.3V / 5.0V compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com