Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3717PCMF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3717PCMF
Description  Single-Rail ARINC 717 Protocol IC with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3717PCMF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3717PCMF Datasheet HTML 1Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 2Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 3Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3717PCMF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SIGNAL
FUNCTION
DESCRIPTION
Internal
Pull-up / Down
NOCONV
INPUT
Disables on-chip DC-DC voltage converter
50KΩ pull-down
RINB-40
INPUT
Alternate receiver negative input. Requires external 40K ohm resistor
RINB
INPUT
Receiver negative input. Direct connection to ARINC 717 bus (BPRZ or HBP)
RINA
INPUT
Receiver positive input. Direct connection to ARINC 717 bus (BPRZ or HBP)
RINA-40
INPUT
Alternate receiver positive input. Requires external 40K ohm resistor
GND
POWER
Chip 0V Supply (All GND pins on package must be connected)
TFIFO
OUTPUT
Output is user programmable to indicate the Transmit FIFO Full or Half-full state.
See FSPIN<5>, in Table 7, FIFO Status Pin Assignment Register.
TEMPTY
OUTPUT
Output goes high when the transmit FIFO is empty
INSYNC
OUTPUT
Output goes high when the receiver is synchronized to the incoming data. Synchroni-
zation occurs at the next valid sync mark following the detection of the proper
number and order of consecutively spaced sync marks. See Table 3.
SYNC0
OUTPUT
Output in conjunction with SYNC1 output indicates when each of the four ARINC 717
subframe sync words are received. Only valid when the INSYNC pin is high.
SYNC1
OUTPUT
Output in conjunction with SYNC0 output indicates when each of the four ARINC 717
subframe sync words are received. Only valid when the INSYNC pin is high.
MATCH
OUTPUT
Output goes high when the value of the Frame Word Count Register matches the
value in the Frame Count Utility Register, WRDCNT.
RFIFO
OUTPUT
Output is user programmable to indicate the Receive FIFO Full, Half-full or Empty
state. See FSPIN<7:6> in Table 7, FIFO Status Pin Assignment Register.
ROVF
OUTPUT
Receive FIFO Overflow. Output goes high when an attempt is made to load a full
Receive FIFO
MR
INPUT
Master Reset, active low
50KΩ pull-up
RSEL
INPUT
Selects either HBP or BPRZ Receiver. OR’d with RXSEL bit in Control Register 0
50KΩ pull-down
SI
INPUT
SPI interface serial data input
50KΩ pull-down
SCK
INPUT
SPI Clock. Data is shifted into SI and out of SO when
is low.
CS
50KΩ pull-down
SO
OUTPUT
SPI Interface seral data output
CS
INPUT
Chip Select. Data is shifted into SI and out of SO using SCK when
is low
CS
50KΩ pull-up
ACLK
INPUT
Master timing source for receiver and transmitters. 24 MHZ ±0.1%
50KΩ pull-down
TXBB
OUTPUT
Bi-Polar Return-to-Zero (BPRZ) digital low output (external line driver required)
OUTBB
OUTPUT
Alternate Bi-Polar Return-to-Zero (BPRZ) Line Driver low output. Requires external
32.5 ohm resistor
TXOUTBB
OUTPUT
Bi-Polar Return-to-Zero (BPRZ) Line Driver low output. Direct connect to ARINC 717
bus
TXOUTBA
OUTPUT
Bi-Polar Return-to-Zero (BPRZ) Line Driver high output. Direct connect to ARINC
717 bus
OUTBA
OUTPUT
Alternate Bi-Polar Return-to-Zero (BPRZ) Line Driver high output. Requires external
32.5 ohm resistor
TXBA
OUTPUT
Bi-Polar Return-to-Zero (BPRZ) digital high output (external line driver required)
TXHB
OUTPUT
Harvard Bi-Phase (HBP) digital low output (external line driver required)
OUTHB
OUTPUT
Alternate Harvard Bi-Phase (HBP) Line Driver low output. Requires external 32.5
ohm resistor
TXOUTHB
OUTPUT
Harvard Bi-Phase (HBP) Line Driver low output. Direct connect to ARINC 717 bus
TXOUTHA
OUTPUT
Harvard Bi-Phase (HBP) Line Driver high output. Direct connect to ARINC 717 bus
OUTHA
OUTPUT
Alternate Harvard Bi-Phase (HBP) Line Driver high output. Requires external 32.5
ohm resistor
TXHA
OUTPUT
Harvard Bi-Phase (HBP) digital high output (external line driver required)
V-
CONVERTER
DC/DC converter negative voltage
C2-
CONVERTER
DC/DC converter fly capacitor for V-
C2+
CONVERTER
DC/DC converter fly capacitor for V-
V+
CONVERTER
DC/DC converter positive voltage
C1+
CONVERTER
DC/DC converter fly capacitor for V+
C1-
CONVERTER
DC/DC converter fly capacitor for V+
VDD
POWER
Chip +3.3V Supply
TA B L E 1 .
PIN DESCRIPTIONS
HOLT INTEGRATED CIRCUITS
3
HI-3717


Similar Part No. - HI-3717PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3717A HOLTIC-HI-3717A Datasheet
164Kb / 27P
   Compliant with ARINC 717-15
More results

Similar Description - HI-3717PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3717A HOLTIC-HI-3717A Datasheet
164Kb / 27P
   Compliant with ARINC 717-15
HI-3585 HOLTIC-HI-3585_15 Datasheet
129Kb / 19P
   Terminal IC with SPI Interface
logo
Sames
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
   Single Phase Power / Energy IC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com