Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3H90 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SB3H90
Description  High-Voltage Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB3H90 Datasheet(HTML) 1 Page - Vishay Siliconix

  SB3H90 Datasheet HTML 1Page - Vishay Siliconix SB3H90 Datasheet HTML 2Page - Vishay Siliconix SB3H90 Datasheet HTML 3Page - Vishay Siliconix SB3H90 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SB3H90, SB3H100
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-11
1
Document Number: 88720
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High-Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Guardring for overvoltage protection
• Low power losses and high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capabilitmy
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in middle voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-201AD
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
90 V, 100 V
IFSM
100 A
VF
0.65 V
IR
20 μA
TJ max.
175 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB3H90
SB3H100
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum working reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TL = 90 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Peak repetitive reverse surge current at tp = 2.0 μs, 1 kHz
IRRM
1.0
A
Critical rate of rise of reverse voltage
dV/dt
10 000
V/μs
Storage temperature range
TSTG
- 55 to + 175
°C
Maximum operating junction temperature
TJ
175
°C


Similar Part No. - SB3H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB3H90 VISHAY-SB3H90 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
logo
Shenzhen Taychipst Elec...
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

Similar Description - SB3H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
   High Voltage Schottky Rectifier
16-Aug-04
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 30-Nov-10
logo
KODENSHI_AUK CORP.
SDB5100PH-1 KODENSHI-SDB5100PH-1 Datasheet
279Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100PH-1 KODENSHI-SDB10100PH-1 Datasheet
261Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100D-1 KODENSHI-SDB10100D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10200D-1 KODENSHI-SDB10200D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB5150PH-1 KODENSHI-SDB5150PH-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com