Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3593PQIF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-3593PQIF
Description  3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PQIF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-3593PQIF Datasheet HTML 4Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 5Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 6Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 9Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 10Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 11Page - Holt Integrated Circuits HI-3593PQIF Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ARINC 429 BIT ORDERING
ARINC 429 messages consist of a 32-bit sequence as shown
below. The first eight bits that appear on the ARINC 429 bus are
the label byte. The next twenty three bits comprise a data field
which presents data in a variety of formats defined in the ARINC
429 specification. The last bit transmitted is an odd parity bit.
ARINC 429 data is transmitted between the HI-3593 and host
microcontroller using the four-wire Serial Peripheral Interface
(SPI). A read or write operation consists of a single-byte op-code
followed by the data. When writing to the transmit FIFO or reading
from the receive FIFOs, the SPI data field is four bytes. Figure 1
shows how the SPI data bytes are mapped to the ARINC 429
message.
ARINC 429 specifies the MSB of the label as ARINC bit 1.
Conversely, the data field MSB is bit 31. So the bit significance of
the label byte and data fields are opposite.
The HI-3593 may be programmed to “flip” the bit ordering of the
label byte as soon as it is received and immediately prior to
transmission. This is accomplished by setting the TFLIP bit to a “1”
in the Transmit Control Register and/or the RFLIP bit in the
Receive Control Registers. The RFLIP bit does not control Priority
Label Match Registers.
Note that when reading ARINC 429 messages from the Priority-
Label Registers the label byte is omitted to permit a faster read
time. The label value will match the value loaded into the Match
Register and therefore does not need to be output each time a
message is read.
7
6
5
4
3
2
1
8
LSB
ARINC 429 Message as received / transmitted on the ARINC 429 serial bus
12 13
16
18 19
22 23
27
31
LABEL
DATA
MSB
LSB
MSB
time
ARINC 429 Message as transferred on the SPI bus
HI-3593
HOLT INTEGRATED CIRCUITS
8
15
14
11
10
9
21
20
28
25
32
17
24
26
29 30
0
29 28
25
23 22
19 18
14
10
SPI Op-Code
DATA
MSB
LSB
26
27
30
31
32
20
21
13
16
9
24
17
15
12 11
6
2
5
8
1
7
4 3
Example 1. Write Transmit FIFO (Op-Code 0x0C) with TFLIP bit = “0”.
000 11 00
LABEL
LSB
MSB
29 28
25
23 22
19 18
14
10
SPI Op-Code
DATA
MSB
LSB
26
27
30
31
32
20
21
13
16
9
24
17
15
12 11
6
2
5
8
1
7
4
3
Example 2. Read Receiver 1 FIFO (Op-Code 0xA0) with RFLIP bit = “1”.
00
1
00
LABEL
MSB
LSB
1
00
29 28
25
23 22
19 18
14
10
SPI Op-Code
DATA
MSB
LSB
26
27
30
31
32
20
21
13
16
9
24
17
15
12 11
Example 3. Read Receiver 2 Priority-Label Register #3 (Op-Code 0xCC).
0
1
00
1
0
11
SPI Op-Code
Example 4. Write Receiver 2 Priority-Label Match Registers (Op-Code 0x2C)with RFLIP bit = “1” or “0”.
00 0
1
0
11
0
LABEL #1
MSB
LSB
LABEL #2
MSB
LSB
LABEL #3
MSB
LSB
8
7
6
5
4
3
2
1
1
12
2
3
3
4
4
5
5
6
67
78
8
FIGURE 1.
ARINC 429 & SPI BIT ORDERING


Similar Part No. - HI-3593PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PQIF HOLTIC-HI-3593PQIF Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PQIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com