Electronic Components Datasheet Search |
|
HI-3717PCT Datasheet(PDF) 7 Page - Holt Integrated Circuits |
|
HI-3717PCT Datasheet(HTML) 7 Page - Holt Integrated Circuits |
7 / 23 page HI-3717 HOLT INTEGRATED CIRCUITS 7 REGISTER DESCRIPTIONS (cont.) Bit Name R/W Default Description 7 INSYNC R 0 Receive channel sync indicator. The bit is set to”1” when synchronization is achieved on the receive channel. Normal synchronization occurs when four consecutive valid sync marks (Octal 1107, 2670, 5107 and 6670 respectively) are received exactly 1 second apart. The bit is set when the next valid and properly spaced subframe sync mark (Octal 1107) is detected. Software Synchronization (CTRL1<2> = “1”) occurs when two consecutively valid sync marks are received exactly 1 second apart and in the proper order but the first sync mark does not have to be Octal 1107. The bit is set when the next valid and properly spaced subframe sync mark is detected. The bit remains set until synchronization is lost at which time the device automatically attempts to re-synchronize. No data is passed to the receive FIFO until Synchronization is re-established. Existing data in the FIFO remains intact and can be read at any time. 6-5 SYNC0:1 R 0 The two bits are a realtime indicators of when each of the four ARINC 717 subframe sync marks are received. They are updated when the sync mark is detected and passed to the Receive FIFO. The two bits are only valid when INSYNC is “1” 00 Subframe SYNC1 mark received (Octal 1107) 01 Subframe SYNC2 mark received (Octal 2670) 10 Subframe SYNC3 mark received (Octal 5107) 11 Subframe SYNC4 mark received (Octal 6670) 4 RFFULL R 0 Bit is set when the Receive FIFO contains 32 words. 3 RFHALF R 0 Bit is set when the Receive FIFO contains exactly 16 words. 2 RFEMPTY R 1 Bit is set when the Receive FIFO is empty. It is reset to”0” when the first valid word is passed to the Receive FIFO. 1 RFOVF R 0 FIFO Overflow bit and ROVF pin are set to “1” when devices attempts to load a valid word to a full Receive FIFO. The Receive FIFO will ignore additional words if it is full. 0 - R 0 Not used, Always reads “0” 7 6 5 4 3 2 1 0 MSB LSB RFHALF TEST SYNC0 IN S Y N C RECEIVE FIFO STATUS REGISTER: RXFSTAT Read: SPI Op-code 0xE6 Write: Read Only X X X X RFOVF RFEMPTY Bit Name R/W Default Description 7 - 4 - R/W 0 Not Used, Always reads a “0” 3 SRST R/W 0 Software Reset - Setting this bit to “1” empties all the FIFO’s, clears the Sync detection logic and sets the analog line drivers to Hi-Z state. All other register bits remain unchanged. 2 SFTSYNC R/W 0 Software Synchronization - Setting the bit to “1” will result in the INSYNC output pin going high when the third of three consecutively occurring sync marks is detected. 1 NOSYNC R/W 0 No Synchronization - Setting this bit to “1” will result in all data captured being loaded into the receive FIFO. WARNING: In this mode there is no way the HI-3717 can determine frame or sub- frame boundaries. This sync mode overrides all the other sync modes when set to “1”. 0 TEST R/W 0 Test Mode - A “1” in this bit position will disable the line receiver and both line drivers and the digital transmitted data will be looped back to the HBP or BPRZ data sampler selected by RXSEL . 7 6 5 4 3 2 1 0 MSB LSB SRST TEST CONTROL REGISTER 1: CTRL1 Read: SPI Op-code 0xE2 Write: SPI Op-code 0x62 X X X X NOSYNC SFTSYNC S Y N C 1 X X X X TABLE 4. TABLE 5. |
Similar Part No. - HI-3717PCT |
|
Similar Description - HI-3717PCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |