Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1567PCTF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-1567PCTF
Description  5V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1567PCTF Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-1567PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 9Page - Holt Integrated Circuits HI-1567PCTF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGE DIMENSIONS
20-PIN PLASTIC SMALL OUTLINE (ESOIC) - WB
(Wide Body, Thermally Enhanced)
inches (millimeters)
Package Type: 20HWE
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.017
±.002
(.432
±.051)
.100
(2.54)
.310
±.010
(7.874
±.254)
.125
(3.175)
.050 TYP.
(1.270 TYP.)
.200
(5.080)
1.000
±.010
(25.400
±.254)
.010
+ .002/-.001
(.254
±.051/-.025)
.300
± .010
(7.620
± .254)
.085
±.009
(2.159
± .229)
BSC
max
min
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
Detail A
.504 ± .008
(12.79 ± .19)
.295 ± .002
(7.493 ± .05)
0° to 8°
.090 ± .01
(2.29 ± .25)
.205
(5.21)
.290
(7.37)
Bottom
View
Top View
.407 ± .013
(10.325 ± .32)
.033 ± .017
(.838 ± .432)
.0075 ± .004
(.191 ± .089)
.0165 ± .0035
(.419 ± .089)
.050
(1.27)
BSC
See Detail A
typ
typ
.0105 ± .0015
(.267 ± .038)
20-PIN CERAMIC SIDE-BRAZED DIP
inches (millimeters)
Package Type: 20C
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-1567PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567PCTF HOLTIC-HI-1567PCTF Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1567PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com