Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3210PCM Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3210PCM
Description  ARINC 429 DATA MANAGEMENT ENGINE / Octal Receiver / Quad Transmitter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3210PCM Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3210PCM Datasheet HTML 1Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 2Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 3Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 4Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 5Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 6Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 7Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 8Page - Holt Integrated Circuits HI-3210PCM Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
HI-3210
HOLT INTEGRATED CIRCUITS
3
APPLICATION OVERVIEW
The HI-3210 is a flexible device for managing ARINC 429
communications and data storage in many avionics
applications. The device architecture centers around a
32K x 8 static RAM used for data storage, data filtering
tables and table-driven transmission schedulers. Once
configured, the device can operate autonomously without
a host CPU, negating the need for software development
or DO-178 certification. Configuration data may be
uploaded into the device from an external EEPROM,
following system reset.
The device supports up to eight ARINC 429 receive
channels. Received data is stored in on-chip RAM
organized by channel number and label. The data table
continually updates as new labels arrive. Programmable
interrupts and filters alert the host subsystem to labels of
interest.
Each ARINC 429 receive channel also includes a 32
message deep FIFO allowing selected label data to be
queued for subsequent host access.
The HI-3210 includes four independent ARINC 429
transmit channels. Transmission may be controlled
entirely by an external CPU, or autonomously by
programming one or more of the four on-chip ARINC 429
transmit schedulers. These allow periodic transmission
to occur without CPU. Source data for transmission may
be selected from RAM based tables of constants and / or
from the received channel data. Powerful options exist for
constructing ARINC 429 labels as well as controlling their
timing and conditional transmission.
Even when running under the control of schedulers, the
host CPU may insert new labels for transmission at will.
The following examples show five possible configurations
of how the HI-3210 may be used:
Example 1. ARINC 429 Data reception using on-chip RAM
8K x 8 RAM
8 x ARINC 429
Receive Buses
SPI
Channel 0, Label FF
Channel 0, Label 01
Channel 0, Label 00
Channel 1, Label FF
Channel 1, Label 01
Channel 1, Label 00
Channel 2, Label FF
Channel 2, Label 01
Channel 2, Label 00
Channel 3, Label FF
Channel 3, Label 01
Channel 3, Label 00
Channel 4, Label FF
Channel 4, Label 01
Channel 4, Label 00
Channel 5, Label FF
Channel 5, Label 01
Channel 5, Label 00
Channel 6, Label FF
Channel 6, Label 01
Channel 6, Label 00
Channel 7, Label FF
Channel 7, Label 01
Channel 7, Label 00
ARINC 429
RECEIVE
INTERRUPT
TABLE
AINT
AACK
HCSB
HSCLK
HMOSI
HMISO
RECEIVER 7
RECEIVER 6
RECEIVER 5
RECEIVER 4
RECEIVER 3
RECEIVER 2
RECEIVER 1
RECEIVER 0
Host CPU
HI-3210


Similar Part No. - HI-3210PCM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3210PCMF HOLTIC-HI-3210PCMF Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
More results

Similar Description - HI-3210PCM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3210 HOLTIC-HI-3210_16 Datasheet
173Kb / 45P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210_13 Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
DEI1044 DEIAZ-DEI1044 Datasheet
91Kb / 6P
   QUAD ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com