Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P421 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P421
Description  Passivated Assembled Circuit Elements, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P421 Datasheet(HTML) 5 Page - Vishay Siliconix

  P421 Datasheet HTML 1Page - Vishay Siliconix P421 Datasheet HTML 2Page - Vishay Siliconix P421 Datasheet HTML 3Page - Vishay Siliconix P421 Datasheet HTML 4Page - Vishay Siliconix P421 Datasheet HTML 5Page - Vishay Siliconix P421 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93755
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Nov-09
5
P400 Series
Passivated Assembled
Circuit Elements, 40 A
Vishay High Power Products
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Thermal Impedance ZthJC Characteristics
Fig. 9 - Gate Characteristics
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
150
175
200
300
250
325
275
225
350
93755_06
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Pulse Train Duration (s)
0.1
1
0.01
150
200
250
300
350
400
93755_07
Maximum non-repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
Per junction
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
93755_08
Steady state value
R
thJC = 1.05 K/W
(DC operation)
Per junction
0.1
1
10
100
0.001
93755_09
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
(1)
(2)
(3)
(4)
(1) P
GM = 10 W, tp = 5 ms
(2) P
GM = 20 W, tp = 25 ms
(3) P
GM = 50 W, tp = 1 ms
(4) P
GM = 100 W, tp = 500 μs
Frequency limited by P
G(AV)
(b)
(a)
V
GD
I
GD
Rectangular gate pulse
(a) Recommended load line for
rated dI/dt: 10 V, 20
Ω, t
r ≤ 1 μs
(b) Recommended load line for
rated dI/dt: 10 V, 65
Ω, t
r ≤ 1 μs
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95335


Similar Part No. - P421

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P421 IRF-P421 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
List of Unclassifed Man...
P4211-AP120 ETC1-P4211-AP120 Datasheet
31Kb / 2P
   Incremental Encoders
P4211-AP192 ETC1-P4211-AP192 Datasheet
31Kb / 2P
   Incremental Encoders
P4211-AQ120 ETC1-P4211-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
P4211-AQ192 ETC1-P4211-AQ192 Datasheet
31Kb / 2P
   Incremental Encoders
More results

Similar Description - P421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2023
P100 VISHAY-P100 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P101KW IRF-P101KW Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P100 IRF-P100 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com