Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1520TRLPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MURB1520TRLPBF
Description  Ultrafast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1520TRLPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  MURB1520TRLPBF Datasheet HTML 1Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 2Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 3Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 4Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 5Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 6Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 7Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 8Page - Vishay Siliconix MURB1520TRLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - MURB1520TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1520TRLPBF VISHAY-MURB1520TRLPBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
More results

Similar Description - MURB1520TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETU04HN3 VISHAY-VS-8ETU04HN3 Datasheet
155Kb / 7P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 09-Oct-15
MURB820PBF VISHAY-MURB820PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETU04SPBF VISHAY-8ETU04SPBF_10 Datasheet
174Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MUR820PBF VISHAY-MUR820PBF_11 Datasheet
154Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 04-May-11
VS-8ETU04PBF VISHAY-VS-8ETU04PBF Datasheet
159Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 26-Jun-12
ETL0806-M3 VISHAY-ETL0806-M3 Datasheet
200Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-11
VS-8ETU04SPBF VISHAY-VS-8ETU04SPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8ETU04SHM3 VISHAY-VS-8ETU04SHM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 25-Aug-15
VS-MURB820PBF VISHAY-VS-MURB820PBF Datasheet
172Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com