Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1020CT-1PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MURB1020CT-1PBF
Description  Ultrafast Rectifier, 2 x 5 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB1020CT-1PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MURB1020CT-1PBF Datasheet HTML 1Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 2Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 3Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 4Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 5Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 6Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 7Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 8Page - Vishay Siliconix MURB1020CT-1PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94518
6
Revision: 11-Mar-10
VS-MURB1020CTPbF, VS-MURB1020CT-1PbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 5 A FRED Pt®
ORDERING INFORMATION TABLE
2
-
Ultrafast MUR series
3
-
B = D2PAK/TO-262
4
-
Current rating (10 = 10 A)
5
-
Voltage rating (20 = 200 V)
6
-
CT = Center tap (dual)
7
-
None = D2PAK
-1 = TO-262
9
-
PbF = Lead (Pb)-free (for TO-262 and D2PAK tube)
P = Lead (Pb)-free (for D2PAK TRR and TRL)
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK package)
TRR = Tape and reel (right oriented, for D2PAK package)
Device code
5
1
3
24
67
8
9
VS- MUR
B
10
20
CT
-1
TRL
P
1
-
HPP product suffix
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032


Similar Part No. - MURB1020CT-1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB1020CT-1PBF IRF-MURB1020CT-1PBF Datasheet
297Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
MURB1020CT-1PBF VISHAY-MURB1020CT-1PBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 05-Sep-08
More results

Similar Description - MURB1020CT-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURB1020CTPBF VISHAY-VS-MURB1020CTPBF Datasheet
168Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt®
Revision: 11-Mar-10
VS-MURB1020CTHM3 VISHAY-VS-MURB1020CTHM3 Datasheet
188Kb / 8P
   Ultrafast Rectifier, 2 x 5 A FRED Pt®
Revision: 02-Feb-16
VS-16CTU04 VISHAY-VS-16CTU04 Datasheet
176Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 11-Mar-10
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
MUR1620CTPBF VISHAY-MUR1620CTPBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt
Revision: 28-Apr-11
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
70CRU04PBF VISHAY-70CRU04PBF_11 Datasheet
128Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com