Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB820-1PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MURB820-1PBF
Description  Ultrafast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MURB820-1PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MURB820-1PBF Datasheet HTML 1Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 2Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 3Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 4Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 5Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 6Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 7Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 8Page - Vishay Siliconix MURB820-1PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94081
6
Revision: 11-Mar-10
VS-MURB820PbF, VS-MURB820-1PbF
Vishay High Power Products
Ultrafast Rectifier,
8 A FRED Pt®
ORDERING INFORMATION TABLE
2
-
Ultrafast MUR series
3
-
B = D2PAK/TO-262
4
-
Current rating (8 = 8 A)
5
-
Voltage rating (20 = 200 V)
-
PbF = Lead (Pb)-free
6
-
None = D2PAK
-1 = TO-262
7
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK package)
TRR = Tape and reel (right oriented, for D2PAK package)
8
Device code
5
1
3
24
67
8
VS- MUR
B
8
20
-1
TRL PbF
1
-
HPP product suffix
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032


Similar Part No. - MURB820-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB820-1PBF VISHAY-MURB820-1PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 05-Sep-08
More results

Similar Description - MURB820-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETU04HN3 VISHAY-VS-8ETU04HN3 Datasheet
155Kb / 7P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 09-Oct-15
8ETU04SPBF VISHAY-8ETU04SPBF_10 Datasheet
174Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MUR820PBF VISHAY-MUR820PBF_11 Datasheet
154Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 04-May-11
MURB1520PBF VISHAY-MURB1520PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
VS-8ETU04PBF VISHAY-VS-8ETU04PBF Datasheet
159Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 26-Jun-12
ETL0806-M3 VISHAY-ETL0806-M3 Datasheet
200Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-11
VS-8ETU04SPBF VISHAY-VS-8ETU04SPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8ETU04SHM3 VISHAY-VS-8ETU04SHM3 Datasheet
192Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 25-Aug-15
VS-MURB820PBF VISHAY-VS-MURB820PBF Datasheet
172Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt®
Revision: 11-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com