Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3020WTPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MUR3020WTPBF
Description  Ultrafast Rectifier, 2 x 15 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MUR3020WTPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  MUR3020WTPBF Datasheet HTML 1Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 2Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 3Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 4Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 5Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 6Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 7Page - Vishay Siliconix MUR3020WTPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94080
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-Feb-11
VS-MUR3020WTPbF
Vishay Semiconductors Ultrafast Rectifier, 2 x 15 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
05
IF(AV) - Average Forward Current (A)
160
170
180
See note (1)
150
DC
140
130
10
15
20
Square wave (D = 0.50)
Rated V
R applied
25
010
20
IF(AV) - Average Forward Current (A)
0
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
515
5
10
25
15
20
RMS limit
25
100
1000
dIF/dt (A/µs)
20
40
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
30
50
10
60
I
F = 30 A
I
F = 15 A
I
F = 8 A
100
1000
dIF/dt (A/µs)
40
I
F = 30 A
I
F = 15 A
I
F = 8 A
200
120
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
80
160
0


Similar Part No. - MUR3020WTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR3020WTPBF IRF-MUR3020WTPBF Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
logo
Vishay Siliconix
MUR3020WTPBF VISHAY-MUR3020WTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED PtTM
Revision: 21-Jul-08
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
More results

Similar Description - MUR3020WTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
30CPH03PBF VISHAY-30CPH03PBF_11 Datasheet
160Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt
Revision: 17-Feb-11
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Feb-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 18-Sep-14
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 15-Aug-11
VS-30CPU04-N3 VISHAY-VS-30CPU04-N3_V01 Datasheet
170Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3 Datasheet
131Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Feb-15
VS-30CPH03PBF VISHAY-VS-30CPH03PBF Datasheet
169Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 26-Jun-12
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3_V01 Datasheet
166Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CDU06HM3 VISHAY-VS-30CDU06HM3_V01 Datasheet
169Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com