Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1020CTPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MUR1020CTPBF
Description  Ultrafast Rectifier, 10 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MUR1020CTPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MUR1020CTPBF_11 Datasheet HTML 1Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 2Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 3Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 4Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 5Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 6Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 7Page - Vishay Siliconix MUR1020CTPBF_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94076
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 28-Apr-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-MUR1020CTPbF
Vishay Semiconductors
Ultrafast Rectifier, 10 A FRED Pt®
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95222
Part marking information
www.vishay.com/doc?95225
2
-
Ultrafast MUR series
1
-
Vishay Semiconductors product
3
-
Current rating (10 = 10 A)
4
-
Voltage rating (20 = 200 V)
5
-
CT = Center tap (dual) TO-220/D2PAK/TO-262
Tube standard pack quantity: 50 pieces
6
-
PbF = Lead (Pb)-free
Device code
5
1
3
2
4
6
VS- MUR
10
20
CT
PbF


Similar Part No. - MUR1020CTPBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR1020CTPBF VISHAY-MUR1020CTPBF Datasheet
116Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - MUR1020CTPBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MUR1020CTPBF VISHAY-VS-MUR1020CTPBF Datasheet
162Kb / 8P
   Ultrafast Rectifier, 10 A FRED Pt®
Revision: 11-Aug-11
VS-MURB2020CTTRLP VISHAY-VS-MURB2020CTTRLP Datasheet
173Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
MUR2020CTPBF VISHAY-MUR2020CTPBF_11 Datasheet
158Kb / 8P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
MURB2020CTPBF VISHAY-MURB2020CTPBF_10 Datasheet
169Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt
Revision: 08-Apr-10
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-ETL1506S-M3 VISHAY-VS-ETL1506S-M3 Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
ETU3006-M3 VISHAY-ETU3006-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 11-Mar-11
ETU3006S-M3 VISHAY-ETU3006S-M3 Datasheet
183Kb / 9P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 19-Apr-11
VS-4ECU06-M3 VISHAY-VS-4ECU06-M3 Datasheet
133Kb / 6P
   Ultrafast Rectifier, 4 A FRED Pt
Revision: 11-Apr-13
VS-12CDU06HM3 VISHAY-VS-12CDU06HM3 Datasheet
131Kb / 7P
   Ultrafast Rectifier, 2x6 A FRED Pt
Revision: 10-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com