Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEE-3.3-15-D48 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # UEE-3.3-15-D48
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEE-3.3-15-D48 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button UEE-3.3-15-D48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEE-3.3-15-D48 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.murata-ps.com/support
UEE Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC/DC Converters
MDC_UEE_Series.A04 Page 7 of 29
Emissions Performance, Model UEE-3.3/15-D48
Murata Power Solutions measures its products for radio frequency emissions
against the EN 55022 and CISPR 22 standards. Passive resistance loads are
employed and the output is set to the maximum voltage. If you set up your
own emissions testing, make sure the output load is rated at continuous power
while doing the tests.
The recommended external input and output capacitors (if required) are
included. Please refer to the fundamental switching frequency. All of this
information is listed in the Product Specifications. An external discrete filter is
installed and the circuit diagram is shown below.
[1] Conducted Emissions Parts List
[2] Conducted Emissions Test Equipment Used
Spectrum Analyzer – Hewlett Packard HP8594L
Line Impedance Stabilization Network (LISN) – 2 Line V-Networks LS1-15V,
50 Ω, 50 μH
[3] Conducted Emissions Test Results
[4] Layout Recommendations
Most applications can use the filtering which is already installed inside the
converter or with the addition of the recommended external capacitors. For
greater emissions suppression, consider additional filter components and/or
shielding. Emissions performance will depend on the user’s PC board layout,
the chassis shielding environment and choice of external components. Please
refer to Application Note GEAN02 for further discussion.
Since many factors affect both the amplitude and spectra of emissions, we
recommend using an engineer who is experienced at emissions suppression.
Designation
Value
Part Number
Description
Vendor
C1
1 μF
GRM32ER72A105KA01L
SMD Ceramic, 100V, 1000nF,
X7R-1210
Murata
C2
100 nF
GRM319R72A104KA01D
SMD Ceramic, 100V, 100nF
±10%, X7R-1206
Murata
L1
1320 μH
LB16H1324
Common Mode choke,
1320 μH, ±25%, 4A, R5K,
*21*21*12.5mm
High Light
C4, C5
0.022 μF GRM32DR73A223KW01L
SMD Ceramic, 1000V, 0.022
μF, ±10%, X7R-1210
Murata
C3
220 μF
UHE2A221MHD
Alum. electrolytic, 100V, 220
μF, ±10%, long lead
Nichicon
C6
Not used
Not used for this model
L1
LOAD
C1
C2
C3
C6
C4
C5
External
DC
Power
Source
DC/DC Converter
Ground
-Vsource
NEG.
LINE
POS.
LINE
Spectrum
Analyzer
Return
+
+
Figure 2. Conducted Emissions Test Circuit
Graph 1. Conducted emissions performance, Positive Line,
CISPR 22, Class A, full load
Graph 2. Conducted emissions performance, Negative Line,
CISPR 22, Class A, full load


Similar Part No. - UEE-3.3-15-D48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEE-3.3 MURATA-PS-UEE-3.3 Datasheet
1Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
UEE-3.3/15-D48 MURATA-PS-UEE-3.3/15-D48 Datasheet
6Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2022
UEE-3.3/25-D48 MURATA-PS-UEE-3.3/25-D48 Datasheet
6Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2022
UEE-3.3/30-D48 MURATA-PS-UEE-3.3/30-D48 Datasheet
6Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2022
UEE-3.3/45-D48 MURATA-PS-UEE-3.3/45-D48 Datasheet
4Mb / 36P
   Isolated, High-Density, Eighth-Brick DOSA Low Profile DC-DC Converters
2023
More results

Similar Description - UEE-3.3-15-D48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEE150W MURATA-PS-UEE150W Datasheet
1Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
UVQ_SERIES MURATA-UVQ_SERIES Datasheet
438Kb / 25P
   Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com