Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP3V3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSP3V3
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP3V3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MSP3V3_10 Datasheet HTML 1Page - Vishay Siliconix MSP3V3_10 Datasheet HTML 2Page - Vishay Siliconix MSP3V3_10 Datasheet HTML 3Page - Vishay Siliconix MSP3V3_10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88486
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 23-Apr-10
MSP3V3
Vishay General Semiconductor
New Product
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 6.0 mm x 6.0 mm copper pad areas. RθJL is
measured at the terminal of cathode band.
Notes
(1) Immunity to IEC 61000-4-2 air discharge mode has a typical performance > 30 kV
(2) System ESD standard
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Pulse Waveform
Fig. 2 - Peak Pulse Power Rating Curve
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance
RθJA
(1)
125
°C/W
RθJL
(1)
30
IMMUNITY TO STATIC ELECTRICAL DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5 kW
VC
H3B
> 8 kV
IEC 61000-4-2 (2)
Human body model (air discharge mode) (1)
C = 150 pF, R = 150 W
4
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSP3V3-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MSP3V3HM3/89A (1)
0.006
89A
4500
7" diameter plastic tape and reel
0
0
50
100
150
1.0
2.0
3.0
4.0
t
r = 10 μs
t
r = 8 μs
t
d = 1000 μs
t
d = 20 μs
t - Time (ms)
t
d
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d) is
Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM
0.1
0.01
0.1
1
10
100
1
10
100
1000
10 000
td - Pulse Width (μs)


Similar Part No. - MSP3V3_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3-M3/89A VISHAY-MSP3V3-M3/89A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Jul-12
MSP3V3HM3/89A VISHAY-MSP3V3HM3/89A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Jul-12
MSP3V3 VISHAY-MSP3V3_V01 Datasheet
788Kb / 5P
   Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - MSP3V3_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com