Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPG06B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPG06B
Description  Miniature Glass Passivated Junction Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPG06B Datasheet(HTML) 1 Page - Vishay Siliconix

  MPG06B Datasheet HTML 1Page - Vishay Siliconix MPG06B Datasheet HTML 2Page - Vishay Siliconix MPG06B Datasheet HTML 3Page - Vishay Siliconix MPG06B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88682
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Junction Plastic Rectifier
MPG06A thru MPG06M
Vishay General Semiconductor
FEATURES
• Glass passivated chip junction
• Low forward voltage drop
• Low leakage current, typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters, and freewheeling diodes application.
MECHANICAL DATA
Case: MPG06, molded epoxy over passivated chip
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM
40 A
VF
1.1 V
IR
5.0 μA
TJ max.
150 °C
MPG06
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MPG06A
MPG06B
MPG06D
MPG06G
MPG06J
MPG06K
MPG06M
UNIT
Maximum repetitive peak
reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward
rectified current 0.375" (9.5 mm)
lead length at TA = 25 °C
IF(AV)
1.0
A
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Operating junction and
storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - MPG06B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MPG06B GE-MPG06B Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
MPG06B DACHANG-MPG06B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Shenzhen Taychipst Elec...
MPG06B TAYCHIPST-MPG06B Datasheet
2Mb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06B VISHAY-MPG06B Datasheet
75Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
Revision: 04-Jul-13
logo
Rugao Dachang Electroni...
MPG06B DACHANG-MPG06B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - MPG06B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
New Jersey Semi-Conduct...
1N4383GP NJSEMI-1N4383GP Datasheet
156Kb / 1P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06M-E3 VISHAY-MPG06M-E3 Datasheet
75Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
Revision: 04-Jul-13
logo
Pan Jit International I...
1A1G PANJIT-1A1G_09 Datasheet
83Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06A VISHAY-MPG06A_V01 Datasheet
434Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
02-Oct-12
logo
General Semiconductor
MPG06A GE-MPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
List of Unclassifed Man...
BY126MGP ETC-BY126MGP Datasheet
94Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
1A1G PANJIT-1A1G_07 Datasheet
117Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
General Semiconductor
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
RL101G GOOD-ARK-RL101G Datasheet
182Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com