Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP385 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP385
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP385_08 Datasheet HTML 6Page - Vishay Siliconix MKP385_08 Datasheet HTML 7Page - Vishay Siliconix MKP385_08 Datasheet HTML 8Page - Vishay Siliconix MKP385_08 Datasheet HTML 9Page - Vishay Siliconix MKP385_08 Datasheet HTML 10Page - Vishay Siliconix MKP385_08 Datasheet HTML 11Page - Vishay Siliconix MKP385_08 Datasheet HTML 12Page - Vishay Siliconix MKP385_08 Datasheet HTML 13Page - Vishay Siliconix MKP385_08 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MKP 385
Vishay BCcomponents AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28152
168
Revision: 13-Oct-08
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described
hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference
suppression capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (Up) shall not be greater than the rated DC voltage (URdc)
2. The peak-to-peak voltage (Up-p) shall not be greater than the maximum (Up-p) to avoid the ionisation inception level
3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without
ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and
divided by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration
4. The maximum component surface temperature rise must be lower than the limits (see figure max allowed component temp rise)
5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor
breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values
mentioned in the table: “Heat conductivity”
6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected with
an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes and
surge voltages from the mains included).
Voltage Conditions for 6 Above
EXAMPLE
C = 4n7 1600 V used for the voltage signal shown in next figure.
Up-p = 1000 V; Up = 900 V; T1 = 12 µs; T2 = 64 µs; T3 = 4 µs
The ambient temperature is 80 °C. In case of failure, the oscillation is blocked.
Checking the conditions:
1.
The peak voltage Up = 900 V is lower than 1600 Vdc
2. The peak-to-peak voltage 1000 V is lower than 2
√2 x 550 Vac = 1600 U
p-p
3. The voltage pulse slope dU/dt = 1000 V/4 µs = 250 V/µs. This is lower than 4000 V/µs (see specific reference data for each version)
4. The dissipated power is 35 mW as calculated with Fourier terms and typical tgd.
The temperature rise for wmax. = 6.0 and pitch = 10 mm will be 35 mW/9 mW/°C = 3.9 °C
This is lower than 10 °C temperature rise at 80 °C, acc. figure.
5. Oscillation is blocked
6. Not applicable
Voltage signal:
2 ×⌠⎛dU⎞
2
⌡⎝ dt ⎠
× dt
< U
Rdc ×
T
0
⎛dU⎞
⎝ dt
rated
ALLOWED VOLTAGES
Tamb ≤ 85 °C
85 °C < Tamb ≤ 110 °C
110 °C < Tamb ≤ 125 °C
Maximum continuous RMS voltage
URac
0.7 x URac
0.5 x URac
Maximum temporary RMS-overvoltage (< 24 h)
1.25 x URac
0.875 x URac
0.625 x URac
Maximum peak voltage (Vo-p) (< 2 s)
1.6 x URdc
1.1 x URdc
0.8 x URdc
Voltage
Up
T3
T1
T2
Up-p
Time


Similar Part No. - MKP385_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP385522025JKI2B0 VISHAY-MKP385522025JKI2B0 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385E VISHAY-MKP385E Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFI2B/T0 VISHAY-MKP385E14710AFI2B/T0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFI2W0 VISHAY-MKP385E14710AFI2W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFM2B/T0 VISHAY-MKP385E14710AFM2B/T0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
More results

Similar Description - MKP385_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com