Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS320TRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBRS320TRPBF
Description  Schottky Rectifier, 3.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRS320TRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  MBRS320TRPBF Datasheet HTML 1Page - Vishay Siliconix MBRS320TRPBF Datasheet HTML 2Page - Vishay Siliconix MBRS320TRPBF Datasheet HTML 3Page - Vishay Siliconix MBRS320TRPBF Datasheet HTML 4Page - Vishay Siliconix MBRS320TRPBF Datasheet HTML 5Page - Vishay Siliconix MBRS320TRPBF Datasheet HTML 6Page - Vishay Siliconix MBRS320TRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95023
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Nov-08
For technical questions concerning module products, contact: ind-modules@vishay.com
1
SMC
Outline Dimensions
Vishay High Power Products
DIMENSIONS in millimeters (inches)
6.60 (0.260)
7.11 (0.280)
2.00 (0.079)
2.62 (0.103)
0.76 (0.030)
1.52 (0.060)
7.75 (0.305)
8.13 (0.320)
0.102 (0.004)
0.203 (0.008)
0.152 (0.006)
0.305 (0.012)
5.59 (0.220)
6.22 (0.245)
4.69 MAX.
(0.185 MAX.)
3.20 MIN.
(0.126 MIN.)
1.52 MIN.
(0.060 MIN.)
0.320 REF.
2.75 (0.108)
3.15 (0.124)
12
1
Polarity
Part number
2
Soldering pad


Similar Part No. - MBRS320TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRS320TRPBF IRF-MBRS320TRPBF Datasheet
117Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRS320TRPBF VISHAY-MBRS320TRPBF Datasheet
100Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 15-Aug-08
More results

Similar Description - MBRS320TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com