Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB1635PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB1635PBF
Description  Schottky Rectifier, 16 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB1635PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB1635PBF Datasheet HTML 1Page - Vishay Siliconix MBRB1635PBF Datasheet HTML 2Page - Vishay Siliconix MBRB1635PBF Datasheet HTML 3Page - Vishay Siliconix MBRB1635PBF Datasheet HTML 4Page - Vishay Siliconix MBRB1635PBF Datasheet HTML 5Page - Vishay Siliconix MBRB1635PBF Datasheet HTML 6Page - Vishay Siliconix MBRB1635PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94304
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Jun-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Schottky Rectifier, 16 A
VS-MBRB1635PbF, VS-MBRB1645PbF
Vishay Semiconductors
FEATURES
• 150 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
This VS-MBRB16... Schottky rectifier has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
16 A
VR
35 V/45 V
IRM
40 mA at 125 °C
D2PAK
Anode
1
3
Base
cathode
2
N/C
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
16
A
VRRM
35/45
V
IFSM
tp = 5 μs sine
1800
A
VF
16 Apk, TJ = 125 °C
0.57
V
TJ
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBRB1635PbF
VS-MBRB1645PbF
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 134 °C, rated VR
16
A
Non-repetitive peak surge current
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and with
rated VRRM applied
1800
Surge applied at rated load condition halfwave
single phase 60 Hz
150
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 3.6 A, L = 3.7 mH
24
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3.6
A


Similar Part No. - MBRB1635PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB1635PBF VISHAY-MBRB1635PBF Datasheet
106Kb / 6P
   Schottky Rectifier, 16 A
Revision: 15-Aug-08
More results

Similar Description - MBRB1635PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1635PBF VISHAY-MBR1635PBF_12 Datasheet
153Kb / 7P
   Schottky Rectifier, 16 A
Revision: 29-Aug-11
MBR1645 VISHAY-MBR1645 Datasheet
107Kb / 6P
   Schottky Rectifier, 16 A
Revision: 22-Aug-08
MBR1645PBF VISHAY-MBR1645PBF Datasheet
108Kb / 6P
   Schottky Rectifier, 16 A
Revision: 14-Aug-08
MBRB16 VISHAY-MBRB16 Datasheet
89Kb / 6P
   Schottky Rectifier, 16 A
Revision: 22-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF Datasheet
106Kb / 6P
   Schottky Rectifier, 16 A
Revision: 15-Aug-08
MBR16 VISHAY-MBR16 Datasheet
90Kb / 6P
   Schottky Rectifier, 16 A
Revision: 22-Aug-08
MBRB1635 VISHAY-MBRB1635 Datasheet
105Kb / 6P
   Schottky Rectifier, 16 A
Revision: 22-Aug-08
logo
Nell Semiconductor Co.,...
MBR1645 NELLSEMI-MBR1645 Datasheet
248Kb / 5P
   Schottky Rectifier, 16 A
logo
Vishay Siliconix
VS-MBR16PBF VISHAY-VS-MBR16PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 16 A
Revision: 29-Aug-11
VS-MBR16PBF VISHAY-VS-MBR16PBF_V01 Datasheet
123Kb / 7P
   High Performance Schottky Rectifier, 16 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com