Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP150 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP150
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP150 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP150 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP150 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP150 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP150/151/152
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP150
300
TIP151
350
V(BR)CEO
Collector-emitter
breakdown voltage
TIP152
IC=10mA, IB=0
400
V
TIP150
300
TIP151
350
V(BR)CBO
Collector-base
breakdown voltage
TIP152
IC=1mA, IE=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A ,IB=10mA
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A ,IB=100mA
1.5
V
VCEsat-3
Collector-emitter saturation voltage
IC=5A ,IB=250mA
2.0
V
VBE sat-1
Base-emitter saturation voltage
IC=2A ,IB=100mA
2.2
V
VBE sat-2
Base-emitter saturation voltage
IC=5A ,IB=250mA
2.3
V
TIP150
VCE=300V, IB=0
TIP151
VCE=350V, IB=0
ICEO
Collector cut-off current
TIP152
VCE=400V, IB=0
250
μA
IEBO
Emitter cut-off current
VEB=8V; IC=0
15
mA
hFE-1
DC current gain
IC=2.5A ; VCE=5V
150
hFE-2
DC current gain
IC=5A ; VCE=5V
50
hFE-3
DC current gain
IC=7A ; VCE=5V
15
VF
Diode forward voltage
IF=7A
3.5
V
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
150
pF
Switching times
td
Delay time
0.03
μs
tr
Rise time
0.18
μs
ts
Storage time
3.5
μs
tf
Fall time
VCC=250V; IC=5A
IB1=-IB2=250mA
tp=20μs;Duty Cycle≤2.0%
1.6
μs


Similar Part No. - TIP150

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
   POWER TRANSISTORS(7A,300-400V,80W)
logo
Power Innovations Ltd
TIP150 POINN-TIP150 Datasheet
188Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIP150 TRSYS-TIP150 Datasheet
878Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
TIP150 SAVANTIC-TIP150 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
TIP150 COMSET-TIP150 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results

Similar Description - TIP150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com