Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP42E Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP42E
Description  isc Silicon PNP Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP42E Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP42E Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP42E Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
TIP42E
DESCRIPTION
·DC Current Gain -hFE = 30(Min)@ IC= -0.3A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -140V(Min)
·Complement to Type TIP41E
APPLICATIONS
·Designed for use in general purpose amplifer and switching
applications
ABSOLUTE MAXIMUM RATINGS(T =25℃
a
)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-180
V
VCEO
Collector-Emitter Voltage
-140
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-6
A
ICM
Collector Current-Peak
-10
A
IB
B
Base Current
-3
A
Collector Power Dissipation
TC=25℃
65
PC
Collector Power Dissipation
Ta=25℃
2
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.92
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - TIP42E

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42E MOSPEC-TIP42E Datasheet
173Kb / 4P
   POWER TRANSISTORS(6A,120-160V,65W)
More results

Similar Description - TIP42E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistors
MJD32C ISC-MJD32C Datasheet
261Kb / 3P
   isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
   isc Silicon PNP Power Transistors
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
   isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
   isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
   isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
   isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
   isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
   isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
   isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com