Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A1070 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-A1070
Description  Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A1070 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-A1070 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A1070 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A1070 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-A1070 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BAS 70W
Electrical Characteristics
at
T
A = 25 °C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I
(BR) =10 µA
V
(BR)
70
V
Forward voltage
I
F =1mA
I
F =10mA
I
F =15mA
V
F
300
600
750
375
705
880
410
750
1000
mV
Reverse current
V
R =50V
V
R =70V
I
R
0.1
10
µA
Diode capacitance
V
R =0V, f = 1 MHz
C
T
1.5
2
pF
Charge carrier life time
I
F =25mA
τ
100
ps
Differential forward resistance
I
F =10mA, f =10kHz
r
f
–34
Series inductance
L
S
–2–nH


Similar Part No. - Q62702-A1070

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A1071 SIEMENS-Q62702-A1071 Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
Q62702-A1072 SIEMENS-Q62702-A1072 Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
More results

Similar Description - Q62702-A1070

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70- SIEMENS-BAS70- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com