Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A1006 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-A1006
Description  Silicon Crossover Ring Quad Schottky Diode (High barrier diode for double balanced mixers, phase detectors and modulators)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A1006 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-A1006 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A1006 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A1006 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT 114-099R
Semiconductor Group
2
Thermal Resistance
(per diode)
Parameter
Symbol
Limit Values
Unit
Junction to soldering point
R
thJS
≤ 780
K/W
Junction to ambient1)
R
thJA
≤ 1020
K/W
1)
Mounted on alumina 15 mm
× 16.7 mm to 0.7 mm
Electrical Characteristics
(per diode;
T
A = 25 °C)
Parameter
Symbol
Limit Values
Unit
min. typ.
max.
Forward voltage
I
F = 1 mA
I
F = 10 mA
V
F
0.58
0.68
0.7
0.78
V
Forward voltage matching1)
I
F = 10 mA
V
F
−−
20
mV
Diode capacitance
V
R = 0 V, f = 1 MHz
C
T
0.25
pF
Forward resistance
I
F = 10 mA / 50 mA
R
F
5.5
1)
V
F is difference between lowest and highest VF in component.


Similar Part No. - Q62702-A1006

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A1004 SIEMENS-Q62702-A1004 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
More results

Similar Description - Q62702-A1006

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15-099R SIEMENS-BAT15-099R Datasheet
47Kb / 2P
   Silicon Crossover Ring Quad Schottky Diode (Low barrier diode for double balanced mixers, phase detectors and modulators)
BAT114-099 SIEMENS-BAT114-099 Datasheet
47Kb / 3P
   Silicon Dual Schottky Diode (High barrier diode for balanced mixers, phase detectors and modulators)
BAT14-099R SIEMENS-BAT14-099R Datasheet
46Kb / 2P
   Silicon Crossover Ring Quad Schottky Diode
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Siemens Semiconductor G...
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Microsemi Corporation
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
   Schottky Barrier Diodes TM For Mixers and Detectors
logo
Hitachi Semiconductor
HSB276AS HITACHI-HSB276AS Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Renesas Technology Corp
HSM276ASR RENESAS-HSM276ASR Datasheet
141Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com