Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-A1017 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-A1017
Description  Silicon Dual Schottky Diode (High barrier diode for balanced mixers, phase detectors and modulators)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A1017 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-A1017 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A1017 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A1017 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
326
01.97
Silicon Dual Schottky Diode
BAT 114-099
ESD: ElectroStatic Discharge sensitive device, observe handling precautions!
Type
Marking
Ordering Code
(taped & reel)
Pin Configuration
Package1)
BAT 114-099
S7
Q62702-A1017
SOT-143
1)
Dimensions see chapter Package Outlines
Maximum Ratings
(per diode)
Parameter
Symbol
Limit Values
Unit
Reverse voltage
V
R
4V
Forward current
I
F
90
mA
Operation temperature
T
op
− 55 to + 150
°C
Storage temperature
T
stg
− 55 to + 150
°C
Power dissipation,
T
S ≤ 70 °C
P
tot
100
mW
Features
• High barrier diode for balanced mixers, phase
detectors and modulators


Similar Part No. - Q62702-A1017

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A1010 SIEMENS-Q62702-A1010 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
More results

Similar Description - Q62702-A1017

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT114-099R SIEMENS-BAT114-099R Datasheet
46Kb / 3P
   Silicon Crossover Ring Quad Schottky Diode (High barrier diode for double balanced mixers, phase detectors and modulators)
BAT15-099R SIEMENS-BAT15-099R Datasheet
47Kb / 2P
   Silicon Crossover Ring Quad Schottky Diode (Low barrier diode for double balanced mixers, phase detectors and modulators)
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Microsemi Corporation
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
   Schottky Barrier Diodes TM For Mixers and Detectors
logo
Hitachi Semiconductor
HSB276AS HITACHI-HSB276AS Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Renesas Technology Corp
HSM276ASR RENESAS-HSM276ASR Datasheet
141Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSM276S RENESAS-HSM276S Datasheet
148Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
HSB88WS RENESAS-HSB88WS Datasheet
79Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com