Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT3535ER151LM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPT3535ER151LM
Description  Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT3535ER151LM Datasheet(HTML) 1 Page - Vishay Siliconix

  LPT3535ER151LM Datasheet HTML 1Page - Vishay Siliconix LPT3535ER151LM Datasheet HTML 2Page - Vishay Siliconix LPT3535ER151LM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34068
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 24-Feb-11
1
Inductors/Transformers Customizable, Surface Mount
Torodial, Kool Mu®, Powdered Iron and MPP Cores
LPT-3535
Vishay Dale
Note
•Kool Mu® is a registered trademark of Spang & Company
FEATURES
• Toroidal design for minimal EMI radiation in DC/DC
converter applications
• Designed to support the growing need for efficient
DC/DC converters in battery operated equipment
• Two separate windings provide versatility by ability
to connect windings in series or parallel
• Operating temperature range: - 40 °C to + 125 °C
• Supplied on tape and reel and is designed to be pick
and place compatible
• Custom versions and turns ratios available. Contact the factory
with your specifications
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
• Series is also available with SnPb terminations by using package code RH for tape and reel (in place of ER) or SM for bulk (in place of EB).
STANDARD ELECTRICAL SPECIFICATIONS (in parallel)
MODEL
STD. IND.
(μH)
IND. TOL.
ACTUAL IND. (LOC)
(μH)
DCR
(
)
RATED IDC
(40 °C)
IND. AT IDC (LBIAS)
(30 %)
LPT3535ER1R0LK
1.0
± 15 %
0.800
0.005
6.42
0.48 at 7.05
LPT3535ER1R5LK
1.5
± 15 %
1.80
0.009
4.77
1.07 at 4.70
LPT3535ER2R5LK
2.5
± 15 %
2.45
0.011
4.45
1.46 at 4.03
LPT3535ER3R3LK
3.3
± 15 %
3.20
0.015
3.73
1.90 at 3.52
LPT3535ER5R0LK
5.0
± 15 %
5.00
0.023
3.01
2.98 at 2.82
LPT3535ER100LK
10
± 15 %
11.3
0.055
1.95
6.69 at 1.88
LPT3535ER150LK
15
± 15 %
16.2
0.081
1.59
9.64 at 1.57
LPT3535ER250LK
25
± 15 %
26.5
0.131
1.25
15.7 at 1.23
LPT3535ER330LK
33
± 15 %
33.8
0.182
1.05
20.1 at 1.08
LPT3535ER500LK
50
± 15 %
51.2
0.280
0.84
30.5 at 0.88
LPT3535ER101LK
100
± 15 %
101
0.514
0.63
60.2 at 0.63
LPT3535ER151LK
150
± 15 %
151
0.775
0.57
90.0 at 0.51
LPT3535ER251LK
250
± 15 %
252
1.279
0.40
150.0 at 0.40
LPT3535ER331LK
330
± 15 %
328
1.837
0.33
195.0 at 0.35
LPT3535ER1R0LP
1.0
± 15 %
0.882
0.004
5.10
0.56 at 4.29
LPT3535ER1R5LP
1.5
± 15 %
1.57
0.005
4.48
0.99 at 3.21
LPT3535ER2R5LP
2.5
± 15 %
2.45
0.009
3.58
1.54 at 2.57
LPT3535ER3R3LP
3.3
± 15 %
3.53
0.013
2.96
2.22 at 2.14
LPT3535ER5R0LP
5.0
± 15 %
4.80
0.018
2.41
3.03 at 1.84
LPT3535ER100LP
10
± 15 %
10.8
0.043
1.58
6.81 at 1.22
LPT3535ER150LP
15
± 15 %
15.3
0.064
1.29
9.65 at 1.03
LPT3535ER250LP
25
± 15 %
25.1
0.103
1.03
15.8 at 0.80
LPT3535ER330LP
33
± 15 %
33.5
0.147
0.85
21.1 at 0.70
LPT3535ER500LP
50
± 15 %
51.8
0.230
0.68
32.7 at 0.56
LPT3535ER101LP
100
± 15 %
104
0.424
0.51
65.2 at 0.40
LPT3535ER151LP
150
± 15 %
153
0.645
0.41
96.3 at 0.33
LPT3535ER251LP
250
± 15 %
250
1.031
0.33
157.0 at 0.25
LPT3535ER331LP
330
± 15 %
330
1.463
0.27
208.0 at 0.22
LPT3535ER1R0LM
1.0
± 15 %
0.800
0.005
6.45
0.52 at 7.05
LPT3535ER1R5LM
1.5
± 15 %
1.80
0.009
4.80
1.16 at 4.70
LPT3535ER2R5LM
2.5
± 15 %
2.45
0.011
4.46
1.58 at 4.03
LPT3535ER3R3LM
3.3
± 15 %
3.20
0.015
3.73
2.06 at 3.52
LPT3535ER5R0LM
5.0
± 15 %
5.00
0.023
3.02
3.22 at 2.82
LPT3535ER100LM
10
± 15 %
11.3
0.055
1.94
7.25 at 1.88
LPT3535ER150LM
15
± 15 %
16.2
0.081
1.59
10.43 at 1.57
LPT3535ER250LM
25
± 15 %
26.5
0.131
1.26
17.0 at 1.23
LPT3535ER330LM
33
± 15 %
33.8
0.182
1.05
21.8 at 1.08
LPT3535ER500LM
50
± 15 %
51.2
0.280
0.84
33.0 at 0.88
LPT3535ER101LM
100
± 15 %
101
0.514
0.64
97.4 at 0.51
LPT3535ER151LM
150
± 15 %
151
0.775
0.52
65.2 at 0.63
LPT3535ER251LM
250
± 15 %
252
1.279
0.40
162.0 at 0.51
LPT3535ER331LM
330
± 15 %
328
1.837
0.33
211.0 at 0.35
DESCRIPTION
LPT
3535
100 μH
± 15 %
A
ER
e2
MODEL
SIZE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
CORE/HEIGHT
K = KOOL MU® (A)
P = POWDERED IRON (B)
M = MPP (C)
PACKAGE CODE
ER = Reel
EB = Bulk
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
L
P
T
3
53
5
E
R
1
01
L
K
PRODUCT FAMILY
SIZE
PACKAGE CODE
INDUCTANCE VALUE
TOL.
CORE


Similar Part No. - LPT3535ER151LM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT3535ER151LM VISHAY-LPT3535ER151LM Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT3535ER151LM VISHAY-LPT3535ER151LM Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT3535ER151LM VISHAY-LPT3535ER151LM Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
More results

Similar Description - LPT3535ER151LM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
Revision 28-Aug-02
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT3535 VISHAY-LPT3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
Revision: 10-Aug-06
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
logo
Magnetics, a division o...
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
   FERRITE CORE TOROID 43NH KOOL MU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com