Electronic Components Datasheet Search |
|
MC74LVQ244SD Datasheet(PDF) 6 Page - Motorola, Inc |
|
MC74LVQ244SD Datasheet(HTML) 6 Page - Motorola, Inc |
6 / 8 page MC74LVQ244 MOTOROLA ECLinPS and ECLinPS Lite DL140 — Rev 3 6 OUTLINE DIMENSIONS DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D–04 ISSUE E M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967–01 ISSUE O MIN MIN MAX MAX MILLIMETERS INCHES DIM A B C D F G J K M P R 0.510 0.299 0.104 0.019 0.035 0.012 0.009 7 ° 0.415 0.029 0.499 0.292 0.093 0.014 0.020 0.010 0.004 0 ° 0.395 0.010 12.95 7.60 2.65 0.49 0.90 0.32 0.25 7 ° 10.55 0.75 12.65 7.40 2.35 0.35 0.50 0.25 0.10 0 ° 10.05 0.25 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. 1.27 BSC 0.050 BSC –A – –B – P 10 PL 1 10 11 20 –T – D 20 PL K C SEATING PLANE R X 45 ° M 0.010 (0.25) B M M 0.010 (0.25) T A B M S S G 18 PL F J DIM MIN MAX MIN MAX INCHES --- 2.05 --- 0.081 MILLIMETERS 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 12.35 12.80 0.486 0.504 5.10 5.45 0.201 0.215 1.27 BSC 0.050 BSC 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.81 --- 0.032 A1 A b c D E e L M Z HE Q1 LE _ 10_ 0 _ 10_ NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5 THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). Z D HE E 1 20 11 10 b A1 e L LE Q1 M _ VIEW P DETAIL P 0.13 (0.005) M 0.10 (0.004) c A |
Similar Part No. - MC74LVQ244SD |
|
Similar Description - MC74LVQ244SD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |