Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U4CS-W-2200-12-HA4C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # D1U4CS-W-2200-12-HA4C
Description  AC/DC Front End Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

D1U4CS-W-2200-12-HA4C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  D1U4CS-W-2200-12-HA4C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. D1U4CS-W-2200-12-HA4C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. D1U4CS-W-2200-12-HA4C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. D1U4CS-W-2200-12-HA4C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. D1U4CS-W-2200-12-HA4C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D1U4CS-W-2200-12-HxxC Series
AC/DC Front End Power Supply
18 May 2011
CPS_D1U4CS-2200-12-HxxC.A05 Page 1 of 5
email: toronto@murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
FEATURES
2200W (220Vac), 1100W (110Vac)
Output Power
Certified to Climate Savers Computing
InitiativeSM and 80 PLUS® Gold efficiency
12V Main Output, 3.3V or 5V Standby Output
1U sized; dimensions 14.0” x 4.0” x 1.6”
24.5 Watts per cubic inch density
N+1 redundancy capable,
including hot-docking
Active Current Sharing on main output
Over-voltage, Over-current,
Over-temperature protection
Internal cooling fans (variable speed)
I²C Bus Interface, PSMI compliant
RoHS compliant
Optional 1U x 19” Power-Shelf
SELECTION GUIDE
Model Number
Power Output
High Line AC
Power Output
Low Line AC
Main
Output
Standby
Output
Airflow
D1U4CS-W-2200-12-HC4C
2200W
1100W
12.12V
3.3V
Back to front
D1U4CS-W-2200-12-HC3C
2200W
1100W
12.12V
3.3V
Front to back
D1U4CS-W-2200-12-HA4C
2200W
1100W
12.12V
5V
Back to front
D1U4CS-W-2200-12-HA3C
2200W
1100W
12.12V
5V
Front to back
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Operating Range
Low Line AC
90
140
Vac
High Line AC
180
264
Input Frequency
47
60
63
Hz
Turn-on Input Voltage
Ramp up
81
89
Vac
Turn-off Input Voltage
Ramp down
70.5
78
Maximum Input Current
Low Line AC 90Vac
13
Arms
High Line AC 180Vac
13
Inrush Current
Cold start between 0-1msec
16.5
Apk
Power Factor
Output load >90%
0.95
Output load >50%
0.95
OUTPUT VOLTAGE CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
12V
Voltage Set Point Accuracy
12.12
Vdc
Line and Load Regulation
11.76
12.48
Ripple Voltage & Noise
20MHz Bandwidth
120
mV p-p
Output Current
9
180
A
Load Capacitance
30000
μF
5Vsb
Voltage Set Point Accuracy
5
Vdc
Line and Load Regulation
20MHz Bandwidth
4.85
5.15
Ripple Voltage & Noise
50
mV p-p
Operating Range
0
5
A
Load Capacitance
10000
μF
3.3Vsb
Voltage Set Point Accuracy
3.3
Vdc
Line and Load Regulation
20MHz Bandwidth
3.2
3.4
Ripple Voltage & Noise
50
mV p-p
Operating Range
0
6
A
Load Capacitance
10000
μF
1 Ripple and noise are measured with 0.1 uF of ceramic capacitance and 10 uF of tantalum capacitance on each of the power supply outputs. The output
noise requirements apply over a 0 Hz to 20 MHz bandwidth. A short coaxial cable with 50ohm scope termination is used.
PRODUCT OVERVIEW
The D1U4CS-W-2200-12-HxxC is a 2200 Watt, power-factor-corrected (PFC) front-end power supply for hot-
swapping redundant systems. The main output is 12V with standby output of 5V or 3.3V. Packaged in 1U low profile,
it is designed to deliver reliable bulk power to servers, workstations, storage systems or any 12V distributed power
architecture systems requiring high power density. The highly efficient electrical and thermal design with internal
cooling fans supports reliable operation conditions. The D1U4CS-W-2200-12-HxxC is designed to auto-recover from
overtemperature fault. Status information is provided with front panel LEDs, logic signals and I2C management inter-
face. Four units can be packaged into an optional 19” 1U power shelf to provide up to 8.8kW of power.


Similar Part No. - D1U4CS-W-2200-12-HA4C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HA4C MURATA-D1U4CS-W-2200-12-HA4C Datasheet
159Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4CS-W-2200-12-HA4C MURATA-PS-D1U4CS-W-2200-12-HA4C Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
More results

Similar Description - D1U4CS-W-2200-12-HA4C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com