Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK40DX256ZVMD10 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MK40DX256ZVMD10
Description  K40 Sub-Family Data Sheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX256ZVMD10 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MK40DX256ZVMD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 14Page - Freescale Semiconductor, Inc MK40DX256ZVMD10 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
4.1 Thermal handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
TSTG
Storage temperature
–55
150
°C
1
TSDR
Solder temperature, lead-free
260
°C
2
Solder temperature, leaded
245
1. Determined according to JEDEC Standard JESD22-A103, High Temperature Storage Life.
2. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
3
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.3 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-2000
+2000
V
1
VCDM
Electrostatic discharge voltage, charged-device model
-500
+500
V
2
ILAT
Latch-up current at ambient temperature of 105°C
-100
+100
mA
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM).
2. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
4.4 Voltage and current operating ratings
Symbol
Description
Min.
Max.
Unit
VDD
Digital supply voltage
–0.3
3.8
V
IDD
Digital supply current
185
mA
VDIO
Digital input voltage (except RESET, EXTAL, and XTAL)
–0.3
5.5
V
Table continues on the next page...
Ratings
K40 Sub-Family Data Sheet Data Sheet, Rev. 6, 9/2011.
Freescale Semiconductor, Inc.
11


Similar Part No. - MK40DX256ZVMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK40DX256VLK7 FREESCALE-MK40DX256VLK7 Datasheet
1Mb / 72P
   K40 Sub-Family
MK40DX256VLL7 FREESCALE-MK40DX256VLL7 Datasheet
1Mb / 73P
   K40 Sub-Family
MK40DX256VLQ10 FREESCALE-MK40DX256VLQ10 Datasheet
1Mb / 81P
   K40 Sub-Family
MK40DX256VMB7 FREESCALE-MK40DX256VMB7 Datasheet
1Mb / 72P
   K40 Sub-Family
MK40DX256VMD10 FREESCALE-MK40DX256VMD10 Datasheet
1Mb / 81P
   K40 Sub-Family
More results

Similar Description - MK40DX256ZVMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P104M100SF2 FREESCALE-K40P104M100SF2 Datasheet
897Kb / 60P
   K40 Sub-Family Data Sheet
K40P81M100SF2 FREESCALE-K40P81M100SF2 Datasheet
876Kb / 60P
   K40 Sub-Family Data Sheet
K40P144M100SF2 FREESCALE-K40P144M100SF2 Datasheet
1,011Kb / 68P
   K40 Sub-Family Data Sheet
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K40P100M100SF2V2 FREESCALE-K40P100M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
K40P144M100SF2V2 FREESCALE-K40P144M100SF2V2 Datasheet
1Mb / 81P
   K40 Sub-Family
logo
NXP Semiconductors
K40P81M72SF1 NXP-K40P81M72SF1 Datasheet
2Mb / 69P
   K40 Sub-Family
Rev. 3, 11/2012
K40P64M72SF1 NXP-K40P64M72SF1 Datasheet
2Mb / 68P
   K40 Sub-Family
Rev. 3, 11/2012
K40P100M72SF1 NXP-K40P100M72SF1 Datasheet
2Mb / 71P
   K40 Sub-Family
Rev. 3, 11/2012
logo
Freescale Semiconductor...
K40P121M100SF2V2 FREESCALE-K40P121M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com