Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK40DX128ZVMD10 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MK40DX128ZVMD10
Description  K40 Sub-Family Data Sheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK40DX128ZVMD10 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MK40DX128ZVMD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MK40DX128ZVMD10 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Symbol
Description
Min.
Typ.
Max.
Unit
IWP
Digital I/O weak
pullup/pulldown
current
10
70
130
µA
3.8.2 Example 2
This is an example of a chart that shows typical values for various voltage and
temperature conditions:
0.90
0.95
1.00
1.05
1.10
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
150 °C
105 °C
25 °C
–40 °C
VDD (V)
TJ
3.9 Typical value conditions
Typical values assume you meet the following conditions (or other conditions as
specified):
Symbol
Description
Value
Unit
TA
Ambient temperature
25
°C
VDD
3.3 V supply voltage
3.3
V
4 Ratings
Ratings
K40 Sub-Family Data Sheet Data Sheet, Rev. 6, 9/2011.
10
Freescale Semiconductor, Inc.


Similar Part No. - MK40DX128ZVMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK40DX128VLK7 FREESCALE-MK40DX128VLK7 Datasheet
1Mb / 72P
   K40 Sub-Family
MK40DX128VLL7 FREESCALE-MK40DX128VLL7 Datasheet
1Mb / 73P
   K40 Sub-Family
MK40DX128VLQ10 FREESCALE-MK40DX128VLQ10 Datasheet
1Mb / 81P
   K40 Sub-Family
MK40DX128VMB7 FREESCALE-MK40DX128VMB7 Datasheet
1Mb / 72P
   K40 Sub-Family
MK40DX128VMD10 FREESCALE-MK40DX128VMD10 Datasheet
1Mb / 81P
   K40 Sub-Family
More results

Similar Description - MK40DX128ZVMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P104M100SF2 FREESCALE-K40P104M100SF2 Datasheet
897Kb / 60P
   K40 Sub-Family Data Sheet
K40P81M100SF2 FREESCALE-K40P81M100SF2 Datasheet
876Kb / 60P
   K40 Sub-Family Data Sheet
K40P144M100SF2 FREESCALE-K40P144M100SF2 Datasheet
1,011Kb / 68P
   K40 Sub-Family Data Sheet
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
   K40 Sub-Family
K40P100M100SF2V2 FREESCALE-K40P100M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
K40P144M100SF2V2 FREESCALE-K40P144M100SF2V2 Datasheet
1Mb / 81P
   K40 Sub-Family
logo
NXP Semiconductors
K40P81M72SF1 NXP-K40P81M72SF1 Datasheet
2Mb / 69P
   K40 Sub-Family
Rev. 3, 11/2012
K40P64M72SF1 NXP-K40P64M72SF1 Datasheet
2Mb / 68P
   K40 Sub-Family
Rev. 3, 11/2012
K40P100M72SF1 NXP-K40P100M72SF1 Datasheet
2Mb / 71P
   K40 Sub-Family
Rev. 3, 11/2012
logo
Freescale Semiconductor...
K40P121M100SF2V2 FREESCALE-K40P121M100SF2V2 Datasheet
1Mb / 70P
   K40 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com