Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK20DX128ZVMD10 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MK20DX128ZVMD10
Description  K20 Sub-Family Data Sheet
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK20DX128ZVMD10 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MK20DX128ZVMD10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK20DX128ZVMD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
3.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
Terminology and guidelines
K20 Sub-Family Data Sheet Data Sheet, Rev. 6, 9/2011.
Freescale Semiconductor, Inc.
7


Similar Part No. - MK20DX128ZVMD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK20DX128ZVMD10 NXP-MK20DX128ZVMD10 Datasheet
2Mb / 75P
   K20 Sub-Family
Rev. 7, 02/2013
More results

Similar Description - MK20DX128ZVMD10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K20P144M100SF2 FREESCALE-K20P144M100SF2 Datasheet
1,003Kb / 67P
   K20 Sub-Family Data Sheet
K20P81M100SF2_1109 FREESCALE-K20P81M100SF2_1109 Datasheet
1Mb / 75P
   K20 Sub-Family Data Sheet
K20P81M100SF2 FREESCALE-K20P81M100SF2 Datasheet
881Kb / 61P
   K20 Sub-Family Data Sheet
K20P104M100SF2 FREESCALE-K20P104M100SF2 Datasheet
894Kb / 61P
   K20 Sub-Family Data Sheet
K20P100M100SF2_1109 FREESCALE-K20P100M100SF2_1109 Datasheet
1Mb / 74P
   K20 Sub-Family Data Sheet
K20P144M120SF3 FREESCALE-K20P144M120SF3 Datasheet
1Mb / 80P
   K20 Sub-Family Data Sheet
MK20DX256VMC7 FREESCALE-MK20DX256VMC7 Datasheet
1Mb / 73P
   Technical Data Sheet K20 Sub-Family
logo
NXP Semiconductors
K20P121M100SF2 NXP-K20P121M100SF2 Datasheet
2Mb / 75P
   K20 Sub-Family
Rev. 7, 02/2013
K20P121M100SF2V2 NXP-K20P121M100SF2V2 Datasheet
1Mb / 80P
   K20 Sub-Family
Rev. 3, 6/2013
K20P81M72SF1 NXP-K20P81M72SF1 Datasheet
2Mb / 71P
   K20 Sub-Family
Rev. 3, 11/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com