Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1520AACTR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # LH1520AACTR
Description  Dual 1 Form A Solid-State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1520AACTR Datasheet(HTML) 6 Page - Vishay Siliconix

  LH1520AACTR Datasheet HTML 1Page - Vishay Siliconix LH1520AACTR Datasheet HTML 2Page - Vishay Siliconix LH1520AACTR Datasheet HTML 3Page - Vishay Siliconix LH1520AACTR Datasheet HTML 4Page - Vishay Siliconix LH1520AACTR Datasheet HTML 5Page - Vishay Siliconix LH1520AACTR Datasheet HTML 6Page - Vishay Siliconix LH1520AACTR Datasheet HTML 7Page - Vishay Siliconix LH1520AACTR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LH1520AB, LH1520AAC, LH1520AACTR
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Jul-11
6
Document Number: 83818
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - Turn-on Time vs. Temperature
Fig. 20 - Turn-off Time vs. Temperature
Fig. 21 - Turn-on Time vs. LED Current
Fig. 22 - Turn-off Time vs. LED Current
PACKAGE DIMENSIONS in millimeters
ilh1520ab_18
30
20
10
0
- 10
- 20
- 30
Temperature (°C)
IF = 5 mA
IL = 50 mA
- 40
- 20
0
20
40
60
80
ilh1520ab_19
- 40
- 20
0
20
40
60
80
Temperature (°C)
IF = 5 mA
30
20
10
0
- 10
- 20
- 30
IL = 50 mA
ilh1520ab_20
0
0.5
1
1.5
2
2.5
3
010
20
30
40
50
LED Current (mA)
T = 85 °C
T = 25 °C
T = - 40 °C
IL = 50 mA
ilh1520ab_21
0.4
0.5
0.6
0.7
0.8
0.9
010
20
30
40
50
LED Forward Current (mA)
IL = 50 mA
T = - 40 °C
T = 85 °C
T = 25 °C
i178008
pin one ID
6.81
6.48
9.91
9.63
1.14
0.76
4° typ.
2.54 typ.
10°
3° to 9°
7.62 typ.
0.56
0.46
0.30
0.20
3.30
2.79
3.81
3.30
0.89
0.51
6.35
5.84
4
3
2
1
0.79
1.27
5
6
78
DIP
ISO method A


Similar Part No. - LH1520AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1520AACTR VISHAY-LH1520AACTR Datasheet
161Kb / 9P
   Dual 1 Form A Solid State Relay
Rev. 1.4, 15-Apr-08
LH1520AACTR VISHAY-LH1520AACTR Datasheet
208Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2022
LH1520AACTR VISHAY-LH1520AACTR Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
More results

Similar Description - LH1520AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com